Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 107Page - Microsemi Corporation VSC7440 Datasheet HTML 108Page - Microsemi Corporation VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
94
VID_ADD_REPLACE_SEL
Controls the classified VID.
0: New VID = old VID + VID_VAL.
1: New VID = VID_VAL.
2: New VID = VID from frame's second tag (middle tag) if
available, otherwise VID_VAL.
3: New VID = VID from frame's third tag (inner tag) if available,
otherwise VID_VAL.
2x
x x
VID_VAL
By default, add this value to the current classified VID. Note this
is not the VID used as key into VCAP CLM. If the classified VID +
VID_ADD_VAL exceeds the range of 12 bit then a wrap around is
done.
12
x
x x
VLAN_POP_CNT_ENA
If set, VLAN_POP_CNT is used.
1
x x
VLAN_POP_CNT
VLAN pop count: 0, 1, 2, or 3 tags.
Post-processing of VLAN_POP_CNT: If VLAN_POP_CNT
exceeds the actual number of tags in the frame, it is reduced to
match the number of VLAN tags in the frame.
2x x
VLAN_WAS_TAGGED
Controls the WAS_TAGGED setting forwarded to the rewriter.
0: No changes to WAS_TAGGED.
1: Set WAS_TAGGED to 0.
2: Set WAS_TAGGED to 1.
3: Reserved.
2x x
ISDX_ADD_REPLACE_SEL
Controls the classified ISDX.
0: New ISDX = old ISDX + ISDX_VAL.
1: New ISDX = ISDX_VAL.
1
xxxx
ISDX_VAL
See ISDX_ADD_REPLACE_SEL.
9
xxxx
MASK_MODE
Controls how PORT_MASK is applied.
0: OR_DSTMASK: Or PORT_MASK with destination mask.
1: AND_VLANMASK: And PORT_MASK with VLAN mask. The
actual ANDing with the VLAN mask is performed after the
ANA_L3 block has determined the VLAN mask.
2: REPLACE_PGID: Replace PGID port mask from MAC table
lookup by PORT_MASK.
3: REPLACE_ALL: Use PORT_MASK as final destination set
replacing all other port masks.
4: REDIR_PGID: Redirect using PORT_MASK[7:0] as PGID
table index. See PORT_MASK for extra configuration options.
5: OR_PGID_MASK: Or PORT_MASK with PGID port mask from
MAC table lookup.
6: Reserved.
7: Not applicable.
Note that for REDIR_PGID, REPLACE_ALL, and VSTAX, the
port mask becomes “sticky” and cannot be modified by
subsequent processing steps.
The CPU port is untouched by MASK_MODE.
3x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com