Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 114 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 114 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
97
FWD_TYPE: LBL_SWAP
Swap label at position NUM_VLD_LABELS.
Any label above the swap label are popped.
NXT_NORM_W16_OFFSET or NXT_NORM_W32_OFFSET
must be set to move frame pointer to swap label.
NUM_VLD_LABELS must be set to the position of the swap
label.
NXT_NORMALIZE must be set to 1 to have MPLS Link Layer
and, possibly, labels stripped.
NXT_TYPE_AFTER_OFFSET must be set to MPLS.
OAM PDUs are not detected, though frames with reserved label
values as well as frames with TTL expiry can be redirected to
CPU.
FWD_TYPE: LBL_POP
Pop labels.
NXT_NORM_W16_OFFSET or NXT_NORM_W32_OFFSET
must be set to move frame pointer past popped labels.
NUM_VLD_LABELS must be set to the position of the deepest
label to be popped.
NXT_NORMALIZE must be set to 1.
NXT_TYPE_AFTER_OFFSET should normally be set to MPLS.
NXT_TYPE_AFTER_OFFSET may be set to CW when
terminating LSP with IP frames for CPU processing.
MPLS_OAM_TYPE can be set to 0, 5, or 6 to disable/enable
OAM PDU detection.
FWD_TYPE: CTRL_PDU
MPLS_OAM_TYPE controls PDU type (as encoded in
IFH.ENCAP.PDU_TYPE):
0: NONE.
1: OAM_Y1731.
2: OAM_MPLS_TP.
3: PTP.
4: IP4_UDP_PTP.
5: IP6_UDP_PTP.
6: Reserved.
7: SAM_SEQ.
OAM_Y1731_SEL controls PDU_OFFSET:
0: No change to PDU offset.
1: ETH_PAYLOAD.
2: IP_PAYLOAD.
3: Non-normalized offset (PDU_OFFSET = difference between
normalized and non-normalized payload).
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com