Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 118 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 118 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
101
NXT_KEY_TYPE
Enforces specific key type for next VCAP CLM lookup.
0: No overruling of default key type selection.
1: MLL
2: SGL_MLBS
3: DBL_MLBS
4: TRI_MLBS
5: TRI_VID or TRI_VID_IDX depending on configuration per
VCAP CLM lookup in
ANA_CL::CLM_KEY_CFG.CLM_TRI_VID_SEL
6: LL_FULL
7: NORMAL (with normal SRC information)
8: NORMAL with DST information
This is a modified version of NORMAL key type, where
- the frame’s DMAC is used in the L2_SMAC key field.
- the frame’s IPv4 DIP is used in the L3_IP4_SIP key field.
9: NORMAL_7TUPLE
10: NORMAL_5TUPLE_IP4
11: PURE_5TUPLE_IP4
12: CUSTOM1
13: CUSTOM2
14: CUSTOM4
15: CLMS_DONE
Complete - disable all remaining VCAP CLM lookups.
4
xxxx
NXT_NORM_W32_OFFSET
4-byte value to be added to frame pointer.
If any reserved MPLS labels were “skipped” during key
generation before VCAP CLM lookup, then these are not counted
in NXT_NORM_W32_OFFSET, because frame pointer is
automatically moved past "skipped" labels.
If both NXT_NORM_W32_OFFSET and
NXT_OFFSET_FROM_TYPE are specified, then frame pointer is
first modified based on NXT_OFFSET_FROM_TYPE and then
moved further based on NXT_NORM_W32_OFFSET.
2x
NXT_NORM_W16_OFFSET
2-byte value to be added to frame pointer.
If any reserved MPLS labels were skipped during key generation
before VCAP CLM lookup, then these are not be counted in
NXT_NORM_W16_OFFSET, because frame pointer is
automatically moved past “skipped” labels.
If both NXT_NORM_W16_OFFSET and
NXT_OFFSET_FROM_TYPE are specified, then frame pointer is
first modified based on NXT_OFFSET_FROM_TYPE and then
moved further based on NXT_NORM_W16_OFFSET.
5x
x x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com