Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 122 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 122 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
105
In order for a frame to be routed, the frame’s VLAN tags must all be valid, and routing must be enabled
for the number of VLAN tags in the frame.
The settings in BASIC_TPID_AWARE_DIS define each of three processed VLAN tags of which TPID
values are valid for routing. The settings in RT_TAG_CTRL define the number of valid VLAN tags that
must be present in routable frames.
Example: If routing is enabled for single-tagged frames with TPID=0x8100, configure the following:
•
BASIC_TPID_AWARE_DIS = 0x7FFE. This invalidates all TPIDs except TPID = 0x8100 for outer
most VLAN tag.
•
RT_TAG_CTRL = 0x2. This enables routing of frames with one accepted tag only.
In this example, if an untagged frame is received, it is not routable because routing is not enabled for
untagged frames. If a single-tagged frame is received with for instance TPID=0x88A8 or a double-tagged
frame is received with for instance TPID=0x8100 for outer tag and TPID=0x8100 for inner tag, they are
not routable because not all their VLAN tags are valid.
Example: To configure routing on a VLAN unaware port where routing is enabled for untagged frames
only, set RT_TAG_CTRL = 0x1 to enable routing of untagged frames only.
3.16.1.4 Frame Acceptance Filtering
The following table lists the registers associated with frame acceptance filtering.
Based on the configurations in the FILTER_CTRL register, the classifier can discard certain frame types
that are normally not allowed to enter the network, such as the following.
•
Frames with a multicast source MAC address (bit 40 in address is set)
•
Frames with a null source or null destination MAC address (address = 0x000000000000)
The VLAN acceptance filter decides whether a frame’s VLAN tagging is allowed on the port. It has three
stages where each stage checks one of the up to three processed VLAN tags. Each stage is
programmable independently of the other stages in ANA_CL:PORT:VLAN_FILTER_CTRL. The following
illustration shows the flowchart for the VLAN acceptance filter.
Table 68 •
Frame Acceptance Filtering Registers
Register
Description
Replication
ANA_CL::FILTER_CTRL
Configures filtering of special frames
Per port
ANA_CL::VLAN_FILTER_CTRL
Configures VLAN acceptance filter
Three per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com