Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 120 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 120 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
103
3.16
Analyzer Classifier
The analyzer classifier (ANA_CL) handles frame classification. This section provides information about
the following tasks performed by ANA_CL.
•
Basic classification. Initial classification including frame filtering, VLAN and QoS classification.
•
VCAP CLM processing. Advanced TCAM classification.
•
QoS mappings. Mapping and translations of incoming QoS parameters.
3.16.1
Basic Classifier
The analyzer classifier includes a common basic classifier that determines the following basic properties
that affect the forwarding of each frame through the switch.
•
VLAN tag extraction. Parses the frame’s VLAN tags in accordance with known tag protocol identifier
values.
•
Pipeline point evaluation. For injected and looped frames, ensures ANA_CL is part of the frame’s
processing flow.
•
Routing control. Evaluates if a frame can be routed in terms of VLAN tags.
•
Frame acceptance filtering. Drops illegal frame types.
•
QoS classification. Assigns one of eight QoS classes to the frame.
•
Drop precedence (DP) classification. Assigns one of four drop precedence levels to the frame.
•
DSCP classification. Assigns one of 64 DSCP values to the frame.
•
VLAN classification. Extracts tag information from the frame or use the port VLAN.
•
Link aggregation code generation. Generates the link aggregation code.
NXT_IDX_CTRL
Controls the generation of the G_IDX used in the VCAP CLM
next lookup:
0: TRANSPARENT. G_IDX of previous parser step is carried
forward to next parser step.
1: REPLACE. Replace previous G_IDX value with NXT_IDX of
this result.
2: ADD. Add NXT_IDX of this result to G_IDX of previous parser
step.
3: ISDX.Use ISDX as G_IDX.
4: RPL_COND_ISDX. Replace previous G_IDX value with
NXT_IDX of this result. Assign ISDX to ISDX_VAL for terminated
data.
5: Use ISDX with NXT_IDX for non terminated data (not CPU
redir and MEP traffic).
6: Replace ISDX with NXT_IDX. Use ISDX as G_IDX in next key
for non terminated data.
7: Reserved.
3
xxxx
NXT_IDX
Index used as part of key (field G_IDX) in the next lookup.
12
xxxx
RESERVED
Must be set to 0.
1
x
x x
PIPELINE_ACT_SEL
Used by PIPELINE_FORCE_ENA to control PIPELINE_ACT, see
PIPELINE_FORCE_ENA.
1x
x x
LPORT_ENA
Controls if LPORT_NUM updates LPORT and IFH.SRC_PORT.
1
x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com