Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
99
CUSTOM_ACE_ENA
Controls S2 custom rule selection:
Bit 0: Selects custom key to use (0: CUSTOM_1, 1: CUSTOM_2).
Bit 1: Enables custom key for first lookup.
Bit 2: Enables custom key for second lookup.
3x
CUSTOM_ACE_OFFSET
Selects custom data extraction point:
0: Current position (after IFH.WORD16_POP_CNT). Only
applicable to frame type ETH.
1: Link layer payload (after VLAN tags and EtherType for ETH,
after control word for CW).
2: Link layer payload + 20 bytes.
3: Link layer payload + 40 bytes.
2x
PAG_OVERRIDE_MASK
Bits set in this mask override the previous PAG result with the
PAG_VAL value from this action.
8x
x x
PAG_VAL
PAG is updated using the following bit mask operation:
PAG = (PAG and ~PAG_OVERRIDE_MASK) | (PAG_VAL and
PAG_OVERRIDE_MASK).
PAG can be used to tie VCAP CLM lookups with VCAP IS2
lookups. The PAG default value is configurable per port in
ANA_CL:PORT:PORT_ID_CFG.PAG_VAL.
8x
x x
RESERVED
Must be set to 0.
7
x
LPORT_NUM
Use this value for LPORT and IFH.SRC_PORT when
LPORT_ENA is set.
6x
MATCH_ID
Logical ID for the entry. If the frame is forwarded to the CPU, the
MATCH_ID is extracted together with the frame. MATCH_ID is
used together with MATCH_ID_MASK as follows:
MATCH_ID = (MATCH_ID and ~MATCH_ID_MASK) |
(MATCH_ID and MATCH_ID_MASK).
The result is placed in IFH.CL_RSLT.
12
x
MATCH_ID_MASK
Bits set in this mask overrides the previous MATCH_ID with the
MATCH_ID value from this action.
12
x
PIPELINE_FORCE_ENA
If set, use PIPELINE_PT unconditionally. Overrule previous
settings of pipeline point. Use the following pipeline actions:
0: No change to PIPELINE_PT or PIPELINE_ACT.
1: Change PIPELINE_PT and set PIPELINE_ACT=XTR
2: Change PIPELINE_PT and set PIPELINE_ACT=INJ
(PIPELINE_ACT_SEL=0) or INJ_MASQ
(PIPELINE_ACT_SEL=1)
3: Change PIPELINE_PT and set PIPELINE_ACT=LBK_QS
(PIPELINE_ACT_SEL=0) or LBK_ASM
(PIPELINE_ACT_SEL=1)
2
xxxx
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com