Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 112 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 112 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 108Page - Microsemi Corporation VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
95
PORT_MASK
Port mask.
MASK_MODE=4 (REDIR_PGID):
PORT_MASK[52]: SRC_PORT_MASK_ENA. If set,
SRC_PORT_MASK is AND’ed with destination result.
PORT_MASK[51]: AGGR_PORT_MASK_ENA. If set,
AGGR_PORT_MASK is AND’ed with destination result.
PORT_MASK[50]: VLAN_PORT_MASK_ENA. If set,
VLAN_PORT_MASK is AND’ed with destination result.
PORT_MASK[7:0]: PGID table index.
53
x
RT_SEL
Controls routing.
0: No change to routing.
1: Enable routing.
2: Disable routing.
2x
FWD_DIS
If set, forwarding of the frame to front ports is disabled. CPU
extraction is still possible.
1
xxx
CPU_ENA
Copy frame to specified CPU extraction queue.
1
xxxx
CPU_Q
CPU extraction queue when frame is forwarded to CPU.
3
xxxx
MIP_SEL
Controls the MIP selection.
0: No change in MIP selection.
1: Enable MIP.
2: Disable MIP.
If enabled, the MIP_IDX is given by the IPT table.
OAM_Y1731_SEL determines the number of VLAN tags required
for processing a frame in the MIP.
2x x
OAM_Y1731_SEL
Selects which frames are detected as OAM frames by MEP and
MIP.
0: No change in detection.
1: Disable OAM.
2: Detect untagged OAM.
3: Detect single tagged OAM.
4: Detect double tagged OAM.
5: Detect triple tagged OAM.
6: Enable Y1731 OAM unconditionally.
7: Enable any tags and EtherType as OAM unconditionally.
3x
x x
RSVD_LBL_VAL
Use when MPLS_OAM_TYPE = 2, 4, or 5.
Configures the reserved label used as OAM label for this MEP or
MIP. Only the lower 4 bits of the label value is configured.
Normally this field should be set to 13 (GAL label value).
If MPLS_OAM_TYPE is set to 2, 4, or 5 and action record does
not include RSVD_LBL_VAL, then a value of 13 (GAL label
value) is used.
4x
TC_ENA
Use the label’s TC as classified TC.
1
x
TTL_ENA
Use the label’s TTL as classified TTL
1
x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com