Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 115 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 115 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
98
MPLS_OAM_TYPE
When either MIP or MEP OAM detection is enabled
(MPLS_MIP_ENA or MPLS_MEP_ENA), MPLS_OAM_TYPE
configures in which control channel to look for OAM.
For FWD_TYPE = 1 (TERMINATE_PW), MPLS_OAM_TYPE
configures which Control Channel Type is used for forwarding
PW OAM:
1: Detect Vccv1 OAM
2: Detect Vccv2 OAM
3: Detect Vccv3 OAM
4: Detect Vccv4 OAM
For FWD_TYPE = 3 (LSP_POP), MPLS_OAM_TYPE configures
which Control Channel Type is used for LSP OAM:
5: LSP OAM under GAL found at pos NUM_VLD_LABELS + 1
6: LSP OAM under GAL found at pos NUM_VLD_LABELS
For FWD_TYPE = 4 (CTRL_PDU), MPLS_OAM_TYPE
configures directly the control type and PDU position (with
OAM_Y1731_SEL and NXT_NORM_W16_OFFSET/
NXT_NORM_W32_OFFSET) and bypasses post-processing:
1: OAM_Y1731
2: OAM_MPLS_TP
3: PTP
4: IP4_UDP_PTP
5: IP6_UDP_PTP
6: Reserved
7: SAM_SEQ
3x x
x
MPLS_MEP_ENA
Enables detection of MPLS MEP. If enabled and if frame is not
selected for MIP extraction, it is determined whether it is a valid
frame OAM PDU according to the MPLS_OAM_TYPE.
1x x
x
MPLS_MIP_ENA
Enables detection of MPLS MIP. If enabled, the iTTL will be
checked for expiry. In case of iTTL expiry, the frame is checked if
it is a valid OAM PDU according to the MPLS_OAM_TYPE.
1x x
x
MPLS_OAM_FLAVOR
If OAM detection is enabled, this setting determines if the G-
ACH/ACH selected by MPLS_OAM_TYPE is checked for
Channel Type = 0x8902.
This configuration applies only to MEP OAM detection. OAM MIP
detection is extracted to SW based on from the configured
Control Channel Type, regardless of the channel type, because
all OAM MIP processing is done in software.
0: G8113_2 (BFD, and so on).
1: G8113_1 (BHH).
1x x
x
MPLS_IP_CTRL_ENA
Enables IP directly under MPLS based on IP profiles.
1
x x
x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com