Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
30
default values. Fields that are described as sticky are only returned to defaults if sticky-reset is disabled
through PHY_CTRL_STAT_EXT::STICKY_RESET_ENA. Otherwise, they retain their values from prior to
the software reset. A hardware reset always brings all PHY registers back to their default values.
3.8.2
Cat5 Twisted Pair Media Interface
The twisted pair interfaces are compliant with IEEE 802.3-2008 and IEEE 802.3az for Energy Efficient
Ethernet.
3.8.2.1
Voltage-Mode Line Driver
Unlike many other gigabit PHYs, this PHY uses a patented voltage-mode line driver that allows it to fully
integrate the series termination resistors (required to connect the PHY’s Cat5 interface to an external 1:1
transformer). Also, the interface does not require placement of an external voltage on the center tap of
the magnetic. The following illustration shows the connections.
Figure 10 •
Cat5 Media Interface
3.8.2.2
Cat5 Auto-Negotiation and Parallel Detection
The integrated transceivers support twisted pair auto-negotiation as defined by clause 28 of the IEEE
802.3-2008. The auto-negotiation process evaluates the advertised capabilities of the local PHY and its
link partner to determine the best possible operating mode. In particular, auto-negotiation can determine
speed, duplex configuration, and master or slave operating modes for 1000BASE-TX. Auto-negotiation
also allows the device to communicate with the link partner (through the optional “next pages”) to set
attributes that may not otherwise be defined by the IEEE standard.
If the Cat5 link partner does not support auto-negotiation, the device automatically use parallel detection
to select the appropriate link speed.
Auto-negotiation can be disabled by clearing PHY_CTRL.AUTONEG_ENA. If auto-negotiation is
disabled, the state of the SPEED_SEL_MSB_CFG, SPEED_SEL_LSB_CFG, and
DUPLEX_MODE_CFG fields in the PHY_CTRL register determine the device’s operating speed and
P
n_D0P
P
n_D0N
P
n_D1P
P
n_D1N
P
n_D2P
P
n_D2N
P
n_D3P
P
n_D3N
PHY Port_
n
Transformer
A+
A–
B+
B–
C+
C–
D+
D–
1
2
3
6
4
5
7
8
RJ-45
75
Ω
75
Ω
75
Ω
75
Ω
1000 pF,
2 kV
0.1 µF
0.1 µF
0.1 µF
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com