Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 79 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 79 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 75Page - Microsemi Corporation VSC7440 Datasheet HTML 76Page - Microsemi Corporation VSC7440 Datasheet HTML 77Page - Microsemi Corporation VSC7440 Datasheet HTML 78Page - Microsemi Corporation VSC7440 Datasheet HTML 79Page - Microsemi Corporation VSC7440 Datasheet HTML 80Page - Microsemi Corporation VSC7440 Datasheet HTML 81Page - Microsemi Corporation VSC7440 Datasheet HTML 82Page - Microsemi Corporation VSC7440 Datasheet HTML 83Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
62
3.12.3.2 VCAP IS2
The following table lists the parameters that apply to the VCAP IS2.
The type-group field must be inserted into entries when programming rules, because the VCAP IS2
supports more than one entry size.
Because only one action size is supported by the VCAP IS2, no type-group is inserted into actions when
programming rules.
It is possible to calculate the distribution of entry and action bits in the VCAP IS2 based on entry and
action widths together with the entry type-group field width.
Table 45 •
VCAP IS2 Parameters
Parameter
Description
Number of VCAP addresses
1,024 per block that is allocated to this VCAP
Width of entry
36 bits per address
Width of action
70 bits per address
Counter-type
1-bit saturating counter
Supported entry sizes
X4, X8, X16
Supported action sizes
X4
Associated register target
VCAP_SUPER
Table 46 •
VCAP IS2 Entry Type-Group Fields
Address Offset
Size
Entry
Type-Group
Description
0
X4
0b1
Software must insert 1 bit with the value 1 into first address of
all X4 entries.
0
X8
0b10
Software must insert 2 bit with the value 2 into first address of
all X8 entries.
0
X16
0b100
Software must insert 3 bit with the value 4 into first address of
all X16 entries.
1, 2, 3, 5, 6, 7, 9, 10,
11, 13, 14, and 15
Software must not insert type-group into addresses 1, 2, 3, 5, 6,
7, 9, 10, 11, 13, 14, and 15 for entries.
4 and 12
0b0
Software must insert 1 bit with the value 0 into addresses 4 and
12 of all entries.
8
0b00
Software must insert 2 bits with the value 0 into address 8.
Table 47 •
VCAP IS2 Entry/Action Bit Distribution
Address Offset
X4
X8
X16
0
e[34:0], a[69:0]
e[33:0]
e[32:0]
1
e[70:35],
a[139:70]
e[69:34]
e[68:33]
2
e[106:71],
a[209:140]
e[105:70]
e[104:69]
3
e[142:107],
a[279:210]
e[141:106]
e[140:105]
4
e[176:142]
e[175:141]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com