Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
33
3.8.4
Ethernet Inline Powered Devices
The integrated transceivers can detect legacy inline powered devices in Ethernet network applications.
The inline powered detection capability can be part of a system that allows for IP-phone and other
devices, such as wireless access points, to receive power directly from their Ethernet cable, similar to
office digital phones receiving power from a Private Branch Exchange (PBX) office switch over the
telephone cabling. This can eliminate the need of an external power supply for an IP-phone. It also
enables the inline powered device to remain active during a power outage (assuming the Ethernet switch
is connected to an uninterrupted power supply, battery, back-up power generator, or some other
uninterruptable power source).
The following illustration shows an example of this type of application.
Figure 13 •
Inline Powered Ethernet Switch
The following procedure describes the process that an Ethernet switch must perform to process inline
power requests made by a link partner (LP); that is, in turn, capable of receiving inline power.
1.
Enables the inline powered device detection mode on each transceiver using its serial management
interface. Set PHY_CTRL_EXT4.INLINE_POW_DET_ENA to 1.
2.
Ensures that the Auto-Negotiation Enable bit (register 0.12) is also set to 1. In the application, the
device sends a special Fast Link Pulse (FLP) signal to the LP. Reading
PHY_CTRL_EXT4.INLINE_POW_DET_STAT returns 00 during the search for devices that require
Power-over-Ethernet (PoE).
3.
The transceiver monitors its inputs for the FLP signal looped back by the LP. An LP capable of
receiving PoE loops back the FLP pulses when the LP is in a powered down state. This is reported
when PHY_CTRL_EXT4.INLINE_POW_DET_STAT reads back 01. If an LP device does not loop
back the FLP after a specific time, PHY_CTRL_EXT4.INLINE_POW_DET_STAT automatically
resets to 10.
4.
If the transceiver reports that the LP needs PoE, the Ethernet switch must enable inline power on
this port, externally of the PHY.
5.
The PHY automatically disables inline powered device detection if
PHY_CTRL_EXT4.INLINE_POW_DET_STAT automatically resets to 10, and then automatically
changes to its normal auto-negotiation process. A link is then auto-negotiated and established when
the link status bit is set (PHY_STAT.LINK_STAT is set to 1).
Control
PHY_port1
Inline,
Power-Over-Ethernet (PoE)
Power Supply
Cat5
PHY_port0
PHY_portn
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Transformer
RJ-45
I/F
Link
Partner
Link
Partner
Link
Partner
Gigabit Switch/PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com