Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation VSC7440 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
54
The statistic counters start counting as soon as the hardware has reset
ASM::STAT_CFG.STAT_CNT_CLR_SHOT to 0.
For information about the lists of port statistics registers available per port, see ASM:DEV_STATISTICS
register group in the Register List.
For the 10G capable ports, set ASM::PORT_CFG.CSC_STAT_DIS to 1 when the port is set up for
speeds faster than 2.5G, because the collection of statistics are handled locally in the DEV10G. For lower
speeds, the port uses a DEV2G5.
All statistic counters have a width of 32 bits, except for the five byte-counters; RX_IN_BYTES_CNT,
RX_OK_BYTES_CNT, RX_BAD_BYTES_CNT, TX_OUT_BYTES_CNT, and TX_OK_BYTES_CNT.
Those have an additional 4-bit MSB counter. When reading from counters with more than 32 bits, the
non-MSB part has to be read first in order to latch the MSB part into a shadow register, where the value
can be read afterward. For writing, the MSB part must be written first.
3.11.6
Setting Up the Loopback Path
Cells to be looped back by the assembler are received on a separate loopback cell bus interface from the
rewriter. The assembler merges the loopback data with data received from the ports onto the outgoing
cell bus towards the analyzer. Loopback data belongs to one of the three following types.
•
Virtual device 0 (VD0)
•
Virtual device 1 (VD1)
•
Front port loopback (LBK)
Each of the three loopback traffic types has its own FIFO. VD0 is accessed at register replication 0, VD1
at register replication 1, and LBK at register replication 2. The following table lists the loopback
configuration registers.
A FIFO can be flushed using the ASM::LBK_FIFO_CFG.FIFO_FLUSH register. The register field clears
itself when the flush is completed.
Cells in the FIFO can be discarded due to aging. If a frame is discarded due to aging, a per port sticky bit
is set in ASM::LBK_AGING_STICKY. The following table lists the loopback FIFO sticky bit registers.
For VD0 and VD1, the loopback block pushes back towards the queue system to avoid FIFO overflows.
The watermark for configuring the FIFO level at which push back is active can be set in
ASM::VD_FC_WM.VD_FC_WM. The watermark can be configured individually for VD0 and VD1.
No flow control handling exists for the LBK FIFO. In case of overflow, all new cells received from the
rewriter are discarded, and a bit in the ASM::LBK_OVFLW_STICKY.LBK_OVFLW_STICKY sticky-bit
register is set.
Table 36 •
Loopback FIFO Configuration Register Overview
Target::Register.Field
Description
Replication
ASM::LBK_FIFO_CFG.FIFO_FLUSH
Flush all data in the FIFO.
Per FIFO
ASM::VD_FC_WM.VD_FC_WM
Watermark for flow control towards the
queue system.
Per VD FIFO
Table 37 •
Loopback FIFO Sticky-Bit Registers Overview
Target::Register.Field
Description
Replication
ASM::LBK_AGING_STICKY.LBK_AGING_
STICKY
Set if a frame has been discarded due to
aging. Per port bitmask.
1
ASM::LBK_OVFLW_STICKY.LBK_OVFLW
_STICKY
Set if a frame have been discarded due
to overflow.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com