Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 61 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 61 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation VSC7440 Datasheet HTML 59Page - Microsemi Corporation VSC7440 Datasheet HTML 60Page - Microsemi Corporation VSC7440 Datasheet HTML 61Page - Microsemi Corporation VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
44
3.10.1.1 Clock and Reset
There is a number of synchronous resets in the DEV10G port module. All of the resets can be set and
cleared simultaneously. By default, all blocks are in the reset state (reset active). The following tables
lists all available resets.
When changing the MAC configuration, the port must go through a reset cycle. This is done by writing
the register DEV10G::DEV_RST_CTRL twice. On the first write, all reset bits must be set to active (0x1).
On the second write, reset bits are cleared (0x0). Non-reset bits in DEV10G::DEV_RST_CTRL must
keep their value for both writes.
3.10.1.2 Interrupts
The following table lists the five interrupt sources defined for DEV10G port module. For more information
about general interrupt handling, see Interrupt Controller, page 364.
All the sticky events in SFI PCS can generate an interrupt if their corresponding interrupt mask is set to 1.
The following table lists the interrupt registers that are used for interrupt generation if corresponding
event bit is set from 10GBASE-R PCS (or SFI PCS).
Table 19 •
DEV10G Reset Registers Overview
Target::Register.Field
Description
DEV10G::DEV_RST_CTRL.MAC_RX_RST
Resets MAC receiver
DEV10G::DEV_RST_CTRL.MAC_TX_RST
Resets MAC transmitter
DEV10G::DEV_RST_CTRL.PCS_RX_RST
Resets PCS receiver
DEV10G::DEV_RST_CTRL.PCS_TX_RST
Resets PCS transmitter
Table 20 •
DEV10G Interrupt Sources Registers Overview
Target::Register.Field
Description
DEV10G::INTR. PCS_BR_INTR
One of the Base-R PCS interrupt indications is active
DEV10G::INTR.TX_LPI_INTR
TX low power idle mode has changed
DEV10G::INTR.RX_LPI_INTR
RX low power idle mode has changed
DEV10G::INTR.LINK_UP_INTR
Link status is up
DEV10G::INTR. LINK_DWN_INTR
Link status is down
Table 21 •
DEV10G BASE-R PCS Interrupt Sources Registers Overview
Interrupt Mask Register
Interrupt Register Sticky Bit
Replication
PCS_INTR_MASK
SFI PCS sticky bits
Per PCS
KR_FEC_STICKY_MASK
KR FEC sticky bits
Per PCS
EEE_INTR_MASK
SFI PCS EEE sticky bits
Per PCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com