Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 52 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
35
Figure 14 •
ActiPHY State Diagram
3.8.6.1
Low Power State
All major digital blocks are powered down in the lower power state.
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low
power state and transitions to the normal operating state when signal energy is detected on the media.
This happens when the PHY is connected to one of the following:
•
Auto-negotiation capable link partner
•
Another PHY in enhanced ActiPHY LP wake-up state
In the absence of signal energy on the media pins, the PHY transitions from the low power state to the
LP wake-up state periodically based on the programmable sleep timer
(PHY_CTRL_EXT3.ACTIPHY_SLEEP_TIMER). The actual sleep time duration is random, from –80 ms
to 60 ms, to avoid two linked PHYs in ActiPHY mode entering a lock-up state during operation.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.8.6.2
Link Partner Wake-up State
In the link partner wake-up state, the PHY attempts to wake up the link partner. Up to three complete FLP
bursts are sent on alternating pairs A and B of the Cat5 media for a duration based on the wake-up timer,
which is set using register bits 20E1.12:11.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.8.6.3
Normal Operating State
In normal operation, the PHY establishes a link with a link partner. When the media is unplugged or the
link partner is powered down, the PHY waits for the duration of the programmable link status time-out
timer, which is set using ACTIPHY_LINK_TIMER_MSB_CFG and ACTIPHY_LINK_TIMER_LSB_CFG in
the PHY_AUX_CTRL_STAT register. It then enters the low power state.
3.8.7
Testing Features
The integrated transceivers include several testing features designed to facilitate performing system-
level debugging.
3.8.7.1
Ethernet Packet Generator (EPG)
The Ethernet Packet Generator (EPG) can be used at each of the 10/100/1000BASE-T speed settings
for copper Cat5 media to isolate problems between the MAC and the PHY, or between a local PHY and
its remote link partner. Enabling the EPG feature effectively disables all MAC interface transmit pins and
selects the EPG as the source for all data transmitted onto the twisted pair interface.
Low Power State
LP Wake-up
State
Normal
Operation State
Signal Energy Detected on
Media
Timeout Timer Expires and
Auto-negotiation Enabled
Sleep Timer Expires
FLP Burst or
Clause 37 Restart
Signal Sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com