Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 21Page - Microsemi Corporation VSC7440 Datasheet HTML 22Page - Microsemi Corporation VSC7440 Datasheet HTML 23Page - Microsemi Corporation VSC7440 Datasheet HTML 24Page - Microsemi Corporation VSC7440 Datasheet HTML 25Page - Microsemi Corporation VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
8
All Ethernet ports support Energy Efficient Ethernet (EEE) according to IEEE 802.3az. The shared queue
system is capable of controlling the PCS operating states, which are active or low power. The PCS
understands the line signaling as required for EEE. This includes signaling of active, sleep, quiet, refresh,
and wake.
3.2.1.1
1G Copper PHY Ports
1G copper PHY ports operate in 1000BASE-T. Auto-negotiation is supported for pause settings and
remote fault signaling. Full-duplex is supported for 10/100/1000 Mbps, while half-duplex is supported for
10/100 Mbps.
3.2.1.2
1G SGMII Line Ports
1G SGMII line ports operate in one of the following modes:
•
10/100/1000 Mbps SGMII. The SGMII interface connects to an external copper PHY device or
copper SFP optical module with SGMII interface. In this mode, auto-negotiation is supported for link
speed, duplex settings, pause settings, and remote fault signaling. Full-duplex is supported for all
speeds, while half-duplex is supported for 10/100 Mbps.
•
100BASE-FX. The 100BASE-FX interface connects directly to a 100BASE-FX SFP optical module.
Auto-negotiation is not specified for 100BASE-FX and is not supported. Operation is always
100 Mbps and full duplex.
•
1000BASE-X. The 1000BASE-X interface connects directly to a 1000BASE-X SFP optical module.
Auto-negotiation is supported for pause settings and remote fault signaling. Operation is always
1000 Mbps and full duplex. 1G backplane Ethernet 1000BASE-KX is fully supported, including
auto-negotiation.
3.2.1.3
2.5G SGMII Line Ports
The 2.5G interface connects directly to an SFP optical module. Operation is always 2500 Mbps and full
duplex. 2.5G backplane Ethernet is also supported.
The 2.5G SGMII line port can also operate in the modes supported by the 1G SGMII line port.
3.2.1.4
10G SFI Line Ports
The 10G interface connects directly to a 10GBASE-R SFP+ optical module or an external PHY device.
Auto-negotiation is supported for pause settings, remote fault signaling, and backplane Ethernet
functions. The 10G or 1G operation is supported for SFP+ optical modules, and operation is always full
duplex.
When used with external devices capable of WAN-PHY (10GBASE-W) operation, the 10G line ports
support pacing operation as specified for 10GBASE-W operation.
The 10G SFI line port can also operate in the modes supported by the 2.5G and 1G SGMII line ports.
3.2.2
Basic Classification
Basic frame classification in the ingress processing module (the analyzer) receives all frames before
further classification processing is performed. The basic classifier uses configurable logic to classify each
frame to a VLAN, QoS class, drop precedence (DP) level, DSCP value, and an aggregation code. This
information is carried through the switch together with the frame and affects policing, drop precedence
marking, statistics collecting, security enforcement, Layer 2 and Layer 3 forwarding, and rewriting.
The basic classifier also performs a general frame acceptance check. The output from the basic
classification can be overwritten or changed by the more intelligent advanced classification using the
TCAM-based VCAP.
3.2.3
Security and Control Protocol Classification
Before being passed on to the Layer 2 forwarding, all frames are inspected by the VCAP IS2 for security
enforcement and control protocol actions.
The action associated with each IS2 entry (programmed into the IS2 action RAM) includes frame filtering,
single leaky bucket rate limiting (frame or byte based), snooping to CPU, redirecting to CPU, mirroring,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com