Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation VSC7440 Datasheet HTML 71Page - Microsemi Corporation VSC7440 Datasheet HTML 72Page - Microsemi Corporation VSC7440 Datasheet HTML 73Page - Microsemi Corporation VSC7440 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
53
The assembler is responsible for detecting PAUSE frames and forwarding the PAUSE value to the
disassembler. Because PAUSE frames belong to the MAC control sublayer, they should in general be
filtered and not forwarded to a higher layer; that is, forwarded on the cell bus so they reach the analyzer.
The filtering is done by abort marking the frame.
The PAUSE frame and other MAC control frames can be forwarded to the analyzer. For PAUSE frame
forwarding, ASM::PAUSE_CFG.ABORT_PAUSE_ENA must be set to 0. For other MAC control frame
forwarding, ASM::PAUSE_CFG.ABORT_CTRL_ENA must be set to 0.
When PAUSE frames are received, the DMAC address is checked. The DMAC address must be either
the 48-bit multicast address 01-80-C2-00-00-01 as mentioned by IEEE802.3 Annex 31B.1 or the MAC
address of the port, which is configured in ASM::MAC_ADDR_HIGH_CFG.MAC_ADDR_HIGH and
ASM::MAC_ADDR_LOW_CFG.MAC_ADDR_LOW.
Note: The values configured in ASM::MAC_ADDR_HIGH_CFG.MAC_ADDR_HIGH and
ASM::MAC_ADDR_LOW_CFG.MAC_ADDR_LOW must match the value configured in
DSM::MAC_ADDR_BASE_HIGH_CFG.MAC_ADDR_HIGH and
DSM::MAC_ADDR_BASE_LOW_CFG.MAC_ADDR_LOW.
The number of received PAUSE frames is tracked as part of the port statistics. For more information, see
Setting Up Assembler Port Statistics, page 53.
3.11.4
Setting Up PFC
The PFC module of the assembler identifies PFC PAUSE frames by checking if the DMAC matches the
reserved multicast address 01-80-c2-00-00-01, the Type/Length field matches a MAC control frame
(0x8808), and the opcode is indicating a PFC frame (0x0101). Upon receiving a PFC PAUSE frame, the
assembler extracts and stores the timer information for all enabled priorities in the assembler PFC
timers. The PFC module generates a stop signal towards the queue system based on the current timer
values.
Detection of PFC frames is enabled by setting ASM::PFC_CFG.RX_PFC_ENA to 1 for the respective
(port,priority). When enabling PFC the current link speed for the port must be configured in
ASM::PFC_CFG.FC_LINK_SPEED for timing information to be evaluated correctly. The PFC
configuration registers are shown in the following table.
3.11.5
Setting Up Assembler Port Statistics
The assembler collects port statistics for all DEV1Gs and DEV2G5s. Statistics are also collected from the
disassembler and the assembler. Port statistics for DEV10Gs are not collected in the assembler and
must be looked up in each DEV10G separately.
The following table lists the port statistics configuration register in the assembler.
Port statistics inside the ASM are stored in RAMs. Before they can be used, they must be initialized to 0
by setting ASM::STAT_CFG.STAT_CNT_CLR_SHOT to 1.
Table 34 •
PFC Configuration Register Overview
Target::Register.Field
Description
Replication
ASM::PFC_CFG.RX_PFC_ENA
Enable PFC per priority
Per port
ASM::PFC_CFG.FC_LINK_SPEED
Configure the link speed
Per port
Table 35 •
Port Statistics Configuration Register Overview
Target::Register.Field
Description
Replication
ASM::STAT_CFG.STAT_CNT_CLR_SHOT
Statistics counter initialization.
1
ASM::PORT_CFG.CSC_STAT_DIS
Disables collection of statistics in the
ASM.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com