Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 87Page - Microsemi Corporation VSC7440 Datasheet HTML 88Page - Microsemi Corporation VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation VSC7440 Datasheet HTML 94Page - Microsemi Corporation VSC7440 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
74
3.15.2
VCAP CLM X1 Key Details
The SGL_MLBS key is the only X1 key, so it does not have a type field.
The following table lists details about the fields applicable to the SGL_MLBS key.
L4_RNG
Range checker mask
8
x
x x
x
IP_PAYLOAD_5TUPLE
Payload bytes after IP header
32
x
x
OAM_Y1731
Set if frame's EtherType = 0x8902
1
x
OAM_MEL_FLAGS
Encoding of MD level/MEG level
(MEL)
7x
CUSTOM1
64 bytes payload
512
x
CUSTOM2
32 bytes payload
256
x
CUSTOM4
15 bytes payload
120
x
Table 59 •
VCAP CLM X1 Key Details
Field Name
Description
Size
FIRST
Selects between entries relevant for first and second lookup. Set for first lookup,
cleared for second lookup.
1x
G_IDX
Generic index used to bind together entries across VCAP CLM lookups.
G_IDX is calculated based on fields in VCAP CLM action from previous VCAP CLM
lookup:
NXT_IDX_CTRL.
NXT_IDX.
Default value is configurable in ANA_CL::CLM_MISC_CTRL.CLM_GIDX_DEF_SEL.
Can be zero, logical port number, or masqueraded port number.
12
x
LBL0
MPLS Label Stack entry 0 - Label (Top Label)
20
x
SBIT0
MPLS Label Stack entry 0 - S-bit (Top Label)
1
x
TTL0_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 0
1
x
Table 58 •
VCAP CLM Key Overview (continued)
Field Name
Short Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com