Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 54 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation VSC7440 Datasheet HTML 56Page - Microsemi Corporation VSC7440 Datasheet HTML 57Page - Microsemi Corporation VSC7440 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
37
3.8.7.5
Connector Loopback
The connector loopback testing feature allows the twisted pair interface to be looped back externally.
When using the connector loopback feature, the PHY must be connected to a loopback connector or a
loopback cable. Pair A must be connected to pair B, and pair C to pair D, as shown in the following
illustration. The connector loopback feature functions at all available interface speeds.
Figure 17 •
Connector Loopback Diagram
When using the connector loopback testing feature, the device auto-negotiation, speed, and duplex
configuration is set using device registers 0, 4, and 9. For 1000BASE-T connector loopback, the
following additional writes are required, executed in the following steps:
1.
Enable the 1000BASE-T connector loopback. Set
PHY_CTRL_EXT2.CON_LOOPBACK_1000BT_ENA to 1.
2.
Disable pair swap correction. Set PHY_CTRL_EXT2.CON_LOOPBACK_1000BT_ENA to 1.
3.8.8
VeriPHY™ Cable Diagnostics
The integrated transceivers include a comprehensive suite of cable diagnostic functions that are
available through the on-board processor. These functions enable cable operating conditions and status
to be accessed and checked. The VeriPHY suite has the ability to identify the cable length and operating
conditions and to isolate common faults that can occur on the Cat5 twisted pair cabling.
For the functional details of the VeriPHY suite and the operating instructions, see the ENT-AN0125, PHY,
Integrated PHY-Switch VeriPHY - Cable Diagnostics Feature
Application Note.
3.9
DEV1G and DEV2G5 Port Modules
The DEV1G and DEV2G5 port modules are essentially the same with identical configurations. The only
difference is the bandwidth of the bus connecting the port module to the assembler. A DEV2G5 port
module can forward data at 2.5 Gbps while the DEV1G port module can forward data at 1 Gbps. The
bandwidth of the port module is configured in the SERDES macro connecting to the port module.
3.9.1
MAC
This section describes the high level functions and configuration options of the Media Access controller
(MAC) used in the DEV1G and DEV2G5 port modules.
The DEV1G MAC supports 10/100/1000 Mbps in full-duplex mode and 10/100 Mbps in half-duplex
mode.
For the DEV2G5 MAC, the supported speeds and duplex modes depend on the following associated
SERDES macro:
•
SERDES1G: 10/100/1000 Mbps in full-duplex mode and 10/100 Mbps in half-duplex mode.
•
SERDES6G: 10/100/1000/2500 Mbps in full-duplex mode and 10/100 Mbps in half-duplex mode.
•
SERDES10G: 10/100/1000/2500 Mbps in full-duplex mode and 10/100 Mbps in half-duplex mode.
The following table lists the registers associated with configuring the MAC.
Table 9 •
DEV1G and DEV2G5 MAC Configuration Registers Overview
Register
Description
Replication
MAC_ENA_CFG
Enabling of Rx and Tx data paths
Per port module
PHY
A
Switch
Cat5
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com