Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 36Page - Microsemi Corporation VSC7440 Datasheet HTML 37Page - Microsemi Corporation VSC7440 Datasheet HTML 38Page - Microsemi Corporation VSC7440 Datasheet HTML 39Page - Microsemi Corporation VSC7440 Datasheet HTML 40Page - Microsemi Corporation VSC7440 Datasheet HTML 41Page - Microsemi Corporation VSC7440 Datasheet HTML 42Page - Microsemi Corporation VSC7440 Datasheet HTML 43Page - Microsemi Corporation VSC7440 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
23
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_LLOOKUP or
FWD_GMIRROR
REW_CMD
42:32
11 bits
VCAP IS2 action REW_CMD.
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_LOGICAL
DST_PORT_TYPE
42
1 bit
Destination port type. Encoding:
0: Front port
1: Internal port
DST_UPSID
41:37
5 bits
Destination unit port set ID.
DST_PN
36:32
5 bits
Logical destination port at unit identified by
dst_upsid.
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_PHYSICAL
RSV
42
1 bit
Reserved field. Must be set to 0.
DST_UPSID
41:37
5 bits
Destination unit port set ID.
DST_PN
36:32
5 bits
Physical destination port at unit identified by
dst_upsid.
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_MULTICAST
RSV
42
1 bit
Reserved field. Must be set to 0.
MC_IDX
41:32
10 bits
Forward to ports part of this multicast group index.
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_GCPU_UPS
RSV
42
1 bit
Reserved field. Must be set to 0.
DST_UPSID
41:37
5 bits
Destination unit port set ID.
RSV
36
1 bit
Reserved field. Must be set to 0.
DST_PN
35:32
4 bits
CPU destination port at unit identified by
dst_upsid.
VSTAX.DST when
VSTAX.FWD_MODE is
FWD_GCPU_ALL
RSV
42
1 bit
Reserved field. Must be set to 0.
TTL_KEEP
41
1 bit
Special TTL handling used for neighbor discovery.
RSV
40:36
5 bits
Reserved field. Must be set to 0.
DST_PN
35:32
4 bits
CPU destination port at unit identified by
dst_upsid.
TAG
CL_PCP
31:29
3 bits
Classified priority code point value.
CL_DEI
28
1 bit
Classified drop eligible indicator value.
CL_VID
27:16
12 bits
Classified VID.
WAS_TAGGED
15
1 bit
If set, frame was VLAN-tagged at reception.
TAG_TYPE
14
1 bit
Tag type.
0: C-tag (EtherType 0x8100).
1: S-tag (EtherType 0x88A8).
INGR_PORT_TYPE 13:12
2 bits
Ingress ports type for private VLANs/Asymmetric
VLANs.
00: Promiscuous port.
01: Community port.
10: Isolated port.
Table 3 •
VStaX Header Fields (continued)
Field Category
Field Name
Bit
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com