Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation VSC7440 Datasheet HTML 54Page - Microsemi Corporation VSC7440 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
34
6.
In the event of a link failure (indicated when PHY_STAT.LINK_STAT reads 0), the inline power must
be disabled to the inline powered device external to the PHY. The transceiver disables its normal
auto-negotiation process and re-enables its inline powered device detection mode.
3.8.5
IEEE 802.3af PoE Support
The integrated transceivers are also compatible with switch designs intended for use in systems that
supply power to Data Terminal Equipment (DTE) by means of the MDI or twisted pair cable, as described
in clause 33 of the IEEE 802.3af.
3.8.6
ActiPHY™ Power Management
In addition to the IEEE-specified power-down control bit (PHY_CTRL.POWER_DOWN_ENA), the device
also includes an ActiPHY power management mode for each PHY. The ActiPHY mode enables support
for power-sensitive applications. It uses a signal detect function that monitors the media interface for the
presence of a link to determine when to automatically power-down the PHY. The PHY “wakes up” at a
programmable interval and attempts to wake-up the link partner PHY by sending a burst of FLP over
copper media.
The ActiPHY power management mode in the integrated transceivers is enabled on a per-port basis
during normal operation at any time by setting PHY_AUX_CTRL_STAT.ACTIPHY_ENA to 1.
Three operating states are possible when ActiPHY mode is enabled:
•
Low power state
•
LP wake-up state
•
Normal operating state (link up state)
The PHY switches between the low power state and the LP wake-up state at a programmable rate (the
default is two seconds) until signal energy is detected on the media interface pins. When signal energy is
detected, the PHY enters the normal operating state. If the PHY is in its normal operating state and the
link fails, the PHY returns to the low power state after the expiration of the link status time-out timer. After
reset, the PHY enters the low power state.
When auto-negotiation is enabled in the PHY, the ActiPHY state machine operates as described. If auto-
negotiation is disabled and the link is forced to use 10BT or 100BTX modes while the PHY is in its low
power state, the PHY continues to transition between the low power and LP wake-up states until signal
energy is detected on the media pins. At that time, the PHY transitions to the normal operating state and
stays in that state even when the link is dropped. If auto-negotiation is disabled while the PHY is in the
normal operation state, the PHY stays in that state when the link is dropped and does not transition back
to the low power state.
The following illustration shows the relationship between ActiPHY states and timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com