Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 62Page - Microsemi Corporation VSC7440 Datasheet HTML 63Page - Microsemi Corporation VSC7440 Datasheet HTML 64Page - Microsemi Corporation VSC7440 Datasheet HTML 65Page - Microsemi Corporation VSC7440 Datasheet HTML 66Page - Microsemi Corporation VSC7440 Datasheet HTML 67Page - Microsemi Corporation VSC7440 Datasheet HTML 68Page - Microsemi Corporation VSC7440 Datasheet HTML 69Page - Microsemi Corporation VSC7440 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
49
To enable FEC, PCS_10GBASE_R::KR_FEC_CFG.FEC_ENA must be set. In addition, data bits must be
flipped at KR FEC interface with PCS. This is achieved by setting both
PCS_10GBASE_R::KR_FEC_CFG.TX_DATA_FLIP and
PCS_10GBASE_R::KR_FEC_CFG.RX_DATA_FLIP to 1.
For enabling FEC error indication in the PCS register bit, set
PCS_10GBASE_R::KR_FEC_CFG.ENABLE_ERROR_INDICATION to 1. This ensures that SFI PCS
decodes the block correctly, and hence correct data is presented to MAC. When FEC looses frame lock,
it is reflected in the PCS_10GBASE_R::KR_FEC_STICKY.FEC_FRAME_LOCK_STICKY sticky bit.
There are two counters in FEC for counting corrected and uncorrected error blocks. These are cleared
by writing a 1 to PCS_10GBASE_R::KR_FEC_CFG.RESET_MONITOR_COUNTERS, followed by a 0.
When the counters cross a threshold value configurable by
PCS_10GBASE_R::FIXED_ERROR_COUNT_THRESHOLD and
PCS_10GBASE_R::UNFIXABLE_ERROR_COUNT_THRESHOLD, two corresponding sticky bits are set
(PCS_10GBASE_R::KR_FEC_STICKY.FEC_FIXED_ERROR_COUNT_STICKY and
PCS_10GBASE_R::KR_FEC_STICKY.FEC_UNFIXABLE_ERROR_COUNT_STICKY).
Note: KR FEC must not be enabled when EEE is enabled. This mode is not supported.
3.10.3
Port Statistics
The DEV10G port module contains a set of port statistics. Packets counters are 32 bits wide and byte
counters are 40 bits wide. The following table lists the counters. The counters are writable. In particular,
the counters are cleared by writing a 0 to each counter.
Table 29 •
DEV10G Statistics Registers Overview
Register
Description
RX_SYMBOL_ERR_CNT
Rx symbol carrier error counter
RX_PAUSE_CNT
Rx pause frame counter
RX_UNSUP_OPCODE_CNT
Rx Control frame counter
RX_UC_CNT
Rx unicast frame counter
RX_MC_CNT
Rx multicast frame counter
RX_BC_CNT
Rx broadcast frame counter
RX_CRC_ERR_CNT
Rx CRC error counter
RX_UNDERSIZE_CNT
Rx undersize counter (valid frame format)
RX_FRAGMENTS_CNT
Rx undersize counter (CRC error)
RX_IN_RANGE_LEN_ERR_CNT
Rx in-range length error counter
RX_OUT_OF_RANGE_LEN_ERR_CNT
Rx out-of-range length error counter
RX_OVERSIZE_CNT
Rx oversize counter (valid frame format)
RX_JABBERS_CNT
Rx jabbers counter
RX_SIZE64_CNT
Rx 64 byte frame counter
RX_SIZE65TO127_CNT
Rx 65-127 byte frame counter
RX_SIZE128TO255_CNT
Rx 128-255 byte frame counter
RX_SIZE256TO511_CNT
Rx 256-511 byte frame counter.
RX_SIZE512TO1023_CNT
Rx 512-1023 byte frame counter.
RX_SIZE1024TO1518_CNT
Rx 1024-1518 byte frame counter.
RX_SIZE1519TOMAX_CNT
Rx 1519 to max. length byte frame counter.
RX_IPG_SHRINK_CNT
Rx Inter packet gap shrink counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com