Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 93 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 93 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 89Page - Microsemi Corporation VSC7440 Datasheet HTML 90Page - Microsemi Corporation VSC7440 Datasheet HTML 91Page - Microsemi Corporation VSC7440 Datasheet HTML 92Page - Microsemi Corporation VSC7440 Datasheet HTML 93Page - Microsemi Corporation VSC7440 Datasheet HTML 94Page - Microsemi Corporation VSC7440 Datasheet HTML 95Page - Microsemi Corporation VSC7440 Datasheet HTML 96Page - Microsemi Corporation VSC7440 Datasheet HTML 97Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
76
PCP1
Frame’s PCP from second tag.
3
x
DEI1
Frame’s DEI from second tag.
1
x
VID1
Frame’s VID from second tag.
12
x
TPID2
Tag protocol identifier of the frame’s third tag:
0: No third tag.
1: 0x8100.
4: 0x88A8.
5: Custom value 1.
6: Custom value 2.
7: Custom value 3.
Overloading for TRI_VID:
For OAM Y.1731 frames (ETYPE_FULL = 5) without a third tag
(TPID2 = 0), VID2[6:0] is set to OAM MEL flags:
Encoding of MD level/MEG level (MEL). One bit for each level where
lowest level encoded as zero.
The following keys can be generated:
MEL = 0: 0b0000000.
MEL = 1: 0b0000001.
MEL = 2: 0b0000011.
MEL = 3: 0b0000111.
MEL = 4: 0b0001111.
MEL = 5: 0b0011111.
MEL = 6: 0b0111111.
MEL = 7: 0b1111111.
Together with the mask, the following types of rules can be created:
Exact match. Fx. MEL = 2: 0b0000011.
Below. Fx. MEL< = 4: 0b000XXXX.
Above. Fx. MEL> = 5: 0bXX11111.
Between. Fx. 3< = MEL< = 5: 0b00XX111,
where “X” means don’t care.
3x
x
PCP2
Frame’s PCP from third tag.
3
x
DEI2
Frame’s DEI from third tag.
1
x
VID2
Frame’s VID from third tag.
12
x
ETYPE_FULL
EtherType identifier:
0: IPv4frame (EtherType = 0x0800).
1: IPv6 frame (EtherType = 0x86DD).
2: Downstream assigned label (EtherType = 0x8847).
3: Upstream assigned label (EtherType = 0x8848).
4: LCC/SNAP (EtherType < 0x0600).
5: OAM Y.1731 (EtherType = 0x8902).
6: (R)ARP (EtherType = 0x0806 or 0x8035).
7: Other.
3x
LBL0
MPLS Label Stack entry 0 - Label (Top Label).
20
x
TC0
MPLS Label Stack entry 0 - TC bits (Top Label).
3
x
SBIT0
MPLS Label Stack entry 0 - S-bit (Top Label).
1
x
TTL0_EXPIRY
Set if TTL<=1 for MPLS Label Stack entry 0.
1
x
Table 60 •
VCAP CLM X2 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com