Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 30 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 26Page - Microsemi Corporation VSC7440 Datasheet HTML 27Page - Microsemi Corporation VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
13
one-step clocks, a precise time is calculated and stamped directly into the PTP frames at departure. For
two-step clocks, a precise time is simply recorded and provided to the CPU for further processing. The
CPU can then initiate a follow-up message with the recorded timing.
The device supports PTP Delay_req/Delay_resp processing in hardware where the Delay_req frame is
terminated, and a Delay_resp frame is generated based on the request. In addition to updating relevant
PTP time stamps and message fields, the frame encapsulation can be changed. This includes swapping
and rewriting MAC addresses, IP addresses, and TCP/UDP ports, and updating the IPv4 TTL or IPv6
hop limit.
The device also supports generation of PTP Sync frames using the automatic frame injector (AFI)
functionality.
PTP is supported for a range of encapsulations including the following:
•
PTP over Ethernet
•
PTP over UDP over IPv4/IPv6 over Ethernet
•
Either of the above encapsulations over MPLS pseudowire over Ethernet
•
PTP over UDP over IPv4/IPv6 over MPLS over Ethernet
Two separate timing domains are supported: one for Synchronous Ethernet and data path forwarding,
and one for PTP timing synchronization. This gives the system designer control over how these two
timing architectures interact.
3.2.11
CPU Subsystem
The device contains a powerful, 500 MHz MIPS24KEc-compatible microprocessor, a high bandwidth
Ethernet Frame DMA engine, and a DDR3/DDR3L controller supporting up to 1 gigabyte (GB) of
memory. This complete system-on-chip supports Linux or embedded operating systems, enabling full
management of the switch and advanced software applications.
The device supports external CPU register access by the on-chip PCIe 1.x endpoint controller, by
specially formatted Ethernet frames on the NPI port (Versatile Register Access Protocol), or by register
access interface using SPI protocol. External CPUs can inject or extract Ethernet frames by the NPI port,
by PCIe DMA access, or by register read/writes (using any register-access interface).
3.3
Frame Headers
This section describes the internal header formats used within the device that are visible in frames to and
from the CPU, NPI port, and in frames exchanged between devices in multichip configurations.
The header formats are internal frame header (IFH) and VStaX header.
•
Internal frame header (IFH) IFH is used when extracting frames to CPU and injecting frames from
CPU. The IFH can also be inserted into frames transmitted on the NPI port. The IFH includes a
VStaX header.
•
VStaX header The VStaX header can be used for transmission to and from an NPI port.
3.3.1
Internal Frame Header Placement
The following illustration shows internal frame header placement.
Figure 4 •
Frame with Internal Frame Header
DMAC
SMAC
Frame data
Bit 0
No Prefix:
Short Prefix:
Internal Frame Header
Bit 223
ANY DMAC
Any SMAC
Bit 0
Internal Frame Header
Bit 223
0x0009
0x8880
Long Prefix:
Bit 0
Internal Frame Header
Bit 223
0x0009
0x8880
VLAN tag
Field removed before transmitted
DMAC
SMAC
Frame data
DMAC
SMAC
Frame data
ANY DMAC
Any SMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com