Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 45Page - Microsemi Corporation VSC7440 Datasheet HTML 46Page - Microsemi Corporation VSC7440 Datasheet HTML 47Page - Microsemi Corporation VSC7440 Datasheet HTML 48Page - Microsemi Corporation VSC7440 Datasheet HTML 49Page - Microsemi Corporation VSC7440 Datasheet HTML 50Page - Microsemi Corporation VSC7440 Datasheet HTML 51Page - Microsemi Corporation VSC7440 Datasheet HTML 52Page - Microsemi Corporation VSC7440 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
32
3.8.2.7
Energy Efficient Ethernet
The integrated transceivers support IEEE 802.3az Energy Efficient Ethernet (EEE). This standard
provides a method for reducing power consumption on an Ethernet link during times of low use.
Figure 11 •
Low Power Idle Operation
Using LPI, the usage model for the link is to transmit data as fast as possible and then return to a low
power idle state. Energy is saved on the link by cycling between active and low power idle states. Power
is reduced during LPI by turning off unused circuits and, using this method, energy use scales with
bandwidth utilization.
The transceivers use LPI to optimize power dissipation in 100BASE-TX and 1000BASE-T operation. In
addition, IEEE 802.3az defines a 10BASE-Te mode that reduces transmit signal amplitude from 5 V to
approximately 3.3 V, peak-to-peak. This mode reduces power consumption in 10 Mbps link speed and
can fully interoperate with legacy 10BASE-T compliant PHYs over 100 m Cat5 cable or better.
To configure the transceivers in 10BASE-Te mode, set PHY_EEE_CTRL.EEE_LPI_RX_100BTX_DIS to
1 for each port. Additional Energy Efficient Ethernet features are controlled through Clause 45 registers
as defined in Clause 45 registers to Support Energy Efficient Ethernet
3.8.3
Wake-On-LAN and SecureOn
The device supports Wake-on-LAN, an Ethernet networking standard to awaken hosts by using a “magic
packet” that is decoded to ascertain the source, and then assert an interrupt pin or an LED. The device
also supports SecureOn to secure Wake-on-LAN against unauthorized access. The following illustration
shows an overview of the Wake-on-LAN functionality.
Figure 12 •
Wake-On-LAN Functionality
Wake-on-LAN detection is available in 10BASE-T, 100BASE-TX, and 1000BASE-T modes., It is enabled
by setting the interrupt mask register PHY_INT_MASK. WOL_INT_ENA and its status is read in the
interrupt status register PHY_INT_STAT. WOL_INT_PEND. Wake-on-LAN and SecureOn are configured
for each port using the PHY_WOL_MDINT_CTRL register. The MAC address for each port is saved in its
local register space (PHY_WOL_MAC_ADDRx).
Active
Low-Power Idle
Active
Ts
Tq
Tr
Quiet
Quiet
Quiet
Tx Path
Rx Path
Wake-on-LAN
Detect
WOL_MAC_ADDR
ADDR_REPEAT_CNT
Secure-On enable
Secure-On
password length
Secure-On password
WoL Detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com