Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 32 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 28Page - Microsemi Corporation VSC7440 Datasheet HTML 29Page - Microsemi Corporation VSC7440 Datasheet HTML 30Page - Microsemi Corporation VSC7440 Datasheet HTML 31Page - Microsemi Corporation VSC7440 Datasheet HTML 32Page - Microsemi Corporation VSC7440 Datasheet HTML 33Page - Microsemi Corporation VSC7440 Datasheet HTML 34Page - Microsemi Corporation VSC7440 Datasheet HTML 35Page - Microsemi Corporation VSC7440 Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
15
Figure 5 •
Internal Frame Header
The following table shows the internal frame header fields, including information whether a field is
relevant for injection, extraction, or both.
Table 2 •
Internal Frame Header Fields
Field Category
Field Name
Bit
Width
Description
TS
TSTAMP
223:192
32 bits
Arrival time stamp in nanoseconds.
FWD
1
0
5
6
7
6
16
17
0
19
0
QOS
FWD
VSTAX
DST
8
7
0
10
127
128
48
47
191
25
26
UPDATE_FCS
SRC_PORT
VSTAX_AVAIL
DO_NOT_REW
QOS
DSCP
INJECT DPORT
/ EXTRACT
CPU_MASK
UPDATE_DSCP
MISC
DST_MODE
SFLOW_MARKING
RX_MIRROR
15
12
11
10
9
7
14
MIRROR_PROBE
DST_MODE:ENCAP
Unused bits must be ignored and set to 0
CL_RSLT
W16_POP_CNT
TYPE_AFTER_POP
PROT_ACTIVE
RT_FWD
MPLS_TC
MPLS_SBIT
MPLS_TTL
PDU_TYPE
PDU_W16_OFFSET
GEN_IDX
GEN_IDX_MODE
5
4
7
10
11
18
19
34
35
38
44
45
46
TAG_TPID
60
SWAP_MAC
61
58
ARRIVAL TSTAMP
192
223
TRANSP_DSCP
PIPELINE_PT
PIPELINE_ACT
0
7
8
12
13
15
MISC
AGED
ES0_ISDX_KEY_ENA
AFI_INJECT
21
DST_MODE:L3MC
DST_MODE:INJECT
DST PORT_MASK
0
52
DST_MODE:L3UC
NEXT_HOP_DMAC
0
0
47
48
ERLEG
54
COPY_CNT
ERLEG
L3MC_GRP_IDX
7
23
14
QOS
57
POP_CNT
TAGGING
TAGGING
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com