Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 113 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 113 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
96
TC_LABEL
Selects which label provides the classified TC.
0: Use TC from LSE #0 (if available).
1: Use TC from LSE #1 (if available).
2: Use TC from LSE #2 (if available).
3: Do not update TC.
LSE #0 is top LSE, followed by LSE #1, and so on.
2x
x
TTL_LABEL
Selects which label provides the classified TTL.
0: Use TTL from LSE #0 (if available).
1: Use TTL from LSE #1 (if available).
2: Use TTL from LSE #2 (if available).
3: Do not update TTL.
LSE #0 is top LSE, followed by LSE #1, and so on.
2x
x
NUM_VLD_LABELS
Number of valid labels, without reserved labels. Position of
“deepest” label to be processed. Numbering starts with 0 at top
LSE. If reserved labels are “skipped”, then these are not counted
in NUM_VLD_LABELS. Valid range: 0-2.
Use of NUM_VLD_LABELS is dependent on FWD_TYPE as
follows:
FWD_TYPE=0: NUM_VLD_LABELS is not used.
FWD_TYPE=1: Position of PW label.
FWD_TYPE=2: Position of label to be swapped. LSEs above the
swap label are popped.
FWD_TYPE=3: Position of deepest label, which is to be popped.
2x
x
FWD_TYPE
Forwarding type.
0: NONE
1: TERMINATE_PW - Terminate pseudo wire.
2: LBL_SWAP - Swap label
3: LBL_POP - Pop Labels
3: CTRL_PDU
4x x
x
FWD_TYPE: NONE
No MPLS termination, MPLS SWAP, or MPLS POP
FWD_TYPE: TERMINATE_PW
Terminate pseudo wire.
NXT_NORM_W16_OFFSET or NXT_NORM_W32_OFFSET
must be set to move frame pointer to CW/ACH if present, and
otherwise to the PDU that follows the MPLS label stack.
NUM_VLD_LABELS must be set to the position of the PW label.
NXT_TYPE_AFTER_OFFSET must be set to CW if PW uses
CW, otherwise ETH.
NXT_NORMALIZE must be set to 1 to have MPLS Link Layer,
LSEs and CW stripped.
MPLS_OAM_TYPE can be set to values 0-4 to disable/enable
OAM PDU detection.
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com