Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 110 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 110 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 106Page - Microsemi Corporation VSC7440 Datasheet HTML 107Page - Microsemi Corporation VSC7440 Datasheet HTML 108Page - Microsemi Corporation VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation VSC7440 Datasheet HTML 114Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
93
DSCP_ENA
If set, use DSCP_VAL as classified DSCP value.
1
x
DSCP_VAL
See DSCP_ENA.
6
x
COSID_ENA
If set, use COSID_VAL as classified COSID value.
1
xxxx
COSID_VAL
See COSID_ENA.
3
xxxx
QOS_ENA
If set, use QOS_VAL as classified QoS class.
1
xxxx
QOS_VAL
See QOS_ENA.
3
xxxx
DP_ENA
If set, use DP_VAL as classified drop precedence level.
1
x xxx
DP_VAL
See DP_ENA.
2
xxxx
DEI_ENA
If set, use DEI_VAL as classified DEI value.
1
x x
DEI_VAL
See DEI_ENA.
1
x x
PCP_ENA
If set, use PCP_VAL as classified PCP value.
1
x x
PCP_VAL
See PCP_ENA.
3
x x
MAP_LOOKUP_SEL
Selects which of the two QoS Mapping Table lookups that
MAP_KEY and MAP_IDX are applied to.
0: No changes to the QoS Mapping Table lookup. That is,
MAP_KEY and MAP_IDX are not used.
1: Update key type and index for QoS Mapping Table lookup #0.
2: Update key type and index for QoS Mapping Table lookup #1.
3: Reserved.
MLBS_REDUCED:
Use 8 bits from COSID_ENA (LSB), COSID_VAL, QOS_ENA,
and QOS_VAL (MSB) as MAP_IDX. COSID and QOS class
cannot be assigned at the same time. MAP_KEY is always 3
(TC).
2
xxxx
MAP_KEY
Key type for QoS mapping table lookup.
0: DEI0, PCP0 (outer tag).
1: DEI1, PCP1 (middle tag).
2: DEI2, PCP2 (inner tag).
3: TC based on conf.mpls_sel_tc_only_ena it is either possible to
always IFH.ENCAP.MPLS_TC or to only use TC it extracted by
label stack.
4: PCP0 (outer tag).
5: Reserved.
6: DSCP if available, otherwise none (64 entries).
7: DSCP if available, otherwise DEI0, PCP0 (outer tag) if
available using MAP_IDX+8, otherwise none (80 entries).
3x
x x
MAP_IDX
Index for QoS mapping table lookup.
Index bits 10:3 into 2K mapping table. Bits 2:0 are always 0.
8x
x x
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com