Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 109 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 109 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 105Page - Microsemi Corporation VSC7440 Datasheet HTML 106Page - Microsemi Corporation VSC7440 Datasheet HTML 107Page - Microsemi Corporation VSC7440 Datasheet HTML 108Page - Microsemi Corporation VSC7440 Datasheet HTML 109Page - Microsemi Corporation VSC7440 Datasheet HTML 110Page - Microsemi Corporation VSC7440 Datasheet HTML 111Page - Microsemi Corporation VSC7440 Datasheet HTML 112Page - Microsemi Corporation VSC7440 Datasheet HTML 113Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
92
3.15.7
VCAP CLM Actions
VCAP CLM supports four different actions, which can be used for different purposes. The actions have
different sizes and must be paired with the keys as listed in the following table.
Any VCAP CLM action can be used with any of VCAP CLM keys. However, if the action’s type is larger
than the associated key’s type (for instance FULL action of type X4 with TRI_VID key of type X8), then
the entry row in the VCAP cannot be fully utilized.
The following table provides details for all VCAP CLM actions. When programming an action in VCAP
CLM, the associated action fields listed must be programmed in the listed order with the first field in the
table starting at bit 0 in the action.
L4_RNG
Range mask. Range types: SPORT, DPORT, SPORT or DPORT, VID,
DSCP, custom.
Input into range checkers is taken from frame, except DSCP value, which
is the remapped DSCP value from basic classification.
8x
CUSTOM1
64 bytes payload starting from current frame pointer position, as controlled
by VCAP CLM actions.
Note that if frame_type==ETH, payload is retrieved from a position
following the Ethernet layer. For example, after DMAC, SMAC, 0-3 VLAN
tags, and EtherType.
512
x
Table 64 •
VCAP CLM Action Selection
Action Name
Size
Action Type
MLBS_REDUCED
1 word
69 bits
X1 type
CLASSIFICATION
2 words
124 bits
X2 type
MLBS
2 words
127 bits
X2 type
FULL
4 words
250 bits
X4 type
Table 65 •
VCAP CLM Actions
Field Name
Description and Encoding
Size
X2_TYPE
X2 type.
0: MLBS.
1: Classification.
1x
x
Table 63 •
VCAP CLM X16 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com