Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 119 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 119 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 115Page - Microsemi Corporation VSC7440 Datasheet HTML 116Page - Microsemi Corporation VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
102
NXT_OFFSET_FROM_TYPE
Move frame pointer depending on type of current protocol layer.
0: NONE. No frame pointer movement.
1: SKIP_ETH. Skip Ethernet layer.
If frame type is ETH, then move frame pointer past DMAC, SMAC
and 0-3 VLAN tags.
2: SKIP_IP_ETH - Skip IP layer and preceding Ethernet layer (if
present).
If frame type is ETH: Move frame pointer past DMAC, SMAC, 0-3
VLAN tags and IPv4/IPv6 header.
If frame type is CW and IP version is 4 or 6: Move frame pointer
past IPv4/IPv6 header.
For IPv4 header frame pointer is also moved past any IPv4
header options.
3: RSV. Reserved.
2x
x x
NXT_TYPE_AFTER_OFFSET Protocol layer (frame_type) at frame pointer position after update
based on NXT_OFFSET_FROM_TYPE and
NXT_NORM_W16_OFFSET or NXT_NORM_W32_OFFSET.
Frame_type is only changed if one of the following conditions is
true:
a) Frame pointer is moved.
b) Frame_type going into VCAP CLM was DATA and
NXT_KEY_TYPE != 0.
0: ETH. Frame pointer points to start of DMAC.
1: CW (IP / MPLS PW CW / MPLS ACH). Frame pointer points to
MPLS CW/ACH or IP version.
2: MPLS. Frame pointer points to MPLS label.
3: DATA. “Raw” data, such as unknown protocol type.
2
xxxx
NXT_NORMALIZE
Instruct rewriter to strip all frame data up to current position of
frame pointer. The stripped data is not used for forwarding.
When a VCAP CLM action is processed, frame pointer is updated
before NXT_NORMALIZE is applied.
Note The rewriter can strip a maximum of 42 bytes.
1
xxxx
Table 65 •
VCAP CLM Actions (continued)
Field Name
Description and Encoding
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com