Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 117Page - Microsemi Corporation VSC7440 Datasheet HTML 118Page - Microsemi Corporation VSC7440 Datasheet HTML 119Page - Microsemi Corporation VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
104
•
Layer 2 and Layer 3 control protocol handling. Determines CPU forwarding, CPU extraction queue
number, and dedicated protocol QoS handling.
•
Versatile Register Access Protocol (VRAP) handling. Extracts VRAP frames to VRAP engine.
•
Logical port mapping. Maps physical ingress port to logical port used by analyzer.
The outcome of the classifier is the basic classification result, which can be overruled by more intelligent
frame processing with VCAP classification matching (VCAP CLM).
3.16.1.1 VLAN Tag Extraction
The following table lists the register associated with VLAN tag extraction.
Up to five different VLAN tags are recognized by the device.
•
Customer tags (C-tags), which use TPID 0x8100.
•
Service tags (S-tags), which use TPID 0x88A8 (IEEE 802.1ad).
•
Service tags (S-tags), which use a custom TPID programmed in ANA_CL::VLAN_STAG_CFG.
Three different custom TPIDs are supported.
The device can parse and use information from up to three VLAN tags of any of the types previously
described.
Various blocks in the device use Layer 3 and Layer 4 information for classification and forwarding.
Layer 3 and Layer 4 information can be extracted from a frame with up to three VLAN tags. Frames with
more than three VLAN tags are always considered non-IP frames.
3.16.1.2 Pipeline Point Evaluation
The basic classifier is active for all frames with no active pipeline information for frames injected before or
at pipeline point ANA_CL and for frames extracted at or after pipeline point ANA_CL.
Frames looped by the rewriter (PIPELINE_ACT = LBK_ASM) have their REW pipeline point changed to
an ANA pipeline point, which indicates the point in the analyzer flow in ANA where they appear again
after being looped. The following pipeline point translation are handled.
•
PIPELINE_PT = REW_PORT_VOE is changed to ANA_PORT_VOE
•
PIPELINE_PT = REW_OU_VOE is changed to ANA_OU_VOE
•
PIPELINE_PT = REW_IN_VOE is changed to ANA_IN_VOE
•
PIPELINE_PT = REW_SAT is changed to ANA_CLM
•
PIPELINE_PT = REW_OU_VOE is changed to ANA_OU_SW
•
PIPELINE_PT = REW_IN_SW is changed to ANA_IN_SW
3.16.1.3 Routing Tag Control
The basic classifier determines which IP frames can be routed in terms of the VLAN tag types. If a frame
can be routed, it is signalled to ANA_L3, where the routing decision is made. The following table lists the
register associated with routing control.
Table 66 •
VLAN Tag Extraction Register
Register
Description
Replication
ANA_CL::VLAN_STAG_CFG
Ethertype for S-tags in addition to default value 0x88A8.
3
Table 67 •
Routing Tag Control Register
Register
Description
Replication
ANA_CL:PORT:VLAN_TPID_CTRL.
BASIC_TPID_AWARE_DIS
Configures valid TPIDs for routing. This
configuration is shared with VLAN
classification.
Per port
ANA_CL:PORT:VLAN_TPID_CTRL.
RT_TAG_CTRL
Configures number of valid VLAN tags in
routable frames.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com