Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 120Page - Microsemi Corporation VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
107
3.16.1.5 QoS, DP, and DSCP Classification
This section provides information about the functions in the QoS, DP, and DSCP classification. The three
tasks are described as one, because the tasks have functionality in common.
The following table lists the registers associated with QoS, DP, and DSCP classification.
The basic classification provides the user with control of the QoS, DP, and DSCP classification
algorithms. The result of the basic classification are the following frame properties:
•
The frame’s QoS class. This class is encoded in a 3-bit field, where 7 is the highest priority QoS
class and 0 is the lowest priority QoS class. The QoS class is used by the queue system when
enqueuing frames and when evaluating resource consumptions, for policing, statistics, and rewriter
actions. The QoS class is carried internally in the IFH field IFH.VSTAX.QOS.CL_QOS.
•
The frame’s DP level. This level is encoded in a 2-bit field, where frames with DP = 3 have the
highest probability of being dropped and frames with DP = 0 have the lowest probability. The DP
level is used by the MEF compliant policers for measuring committed and peak information rates, for
restricting memory consumptions in the queue system, for collecting statistics, and for rewriting
priority information in the rewriter. The DP level is incremented by the policers if a frame is
exceeding a programmed committed information rate. The DP level is carried internally in the IFH
field IFH.VSTAX.QOS.CL_DP.
•
The frame’s DSCP. This value is encoded in a 6-bit fields. The DSCP value is forwarded with the
frame to the rewriter where it is translated and rewritten into the frame. The DSCP value is only
applicable to IPv4 and IPv6 frames. The DSCP is carried internally in the IFH field IFH.QOS.DSCP.
The classifier looks for the following fields in the incoming frame to determine the QoS, DP, and DSCP
classification:
•
Priority Code Point (PCP) when the frame is VLAN tagged or priority tagged. There is an option to
use the inner tag for double tagged frames (VLAN_CTRL.VLAN_TAG_SEL).
•
Drop Eligible Indicator (DEI) when the frame is VLAN tagged or priority tagged. There is an option to
use the inner tag for double tagged frames (VLAN_CTRL.VLAN_TAG_SEL).
•
DSCP (all 6 bits, both for IPv4 and IPv6 packets). The classifier can look for the DSCP value behind
up to three VLAN tags. For non-IP frames, the DSCP is 0 and it is not used elsewhere in the switch.
•
Destination MAC address (DMAC) for L2CP frames. Layer 2 control protocol frames that are
redirected to the CPU are given a programmable QoS class independently of other frame properties.
The following illustration shows the flow chart of basic QoS classification.
Table 69 •
QoS, DP, and DSCP Classification Registers
Register
Description
Replication
ANA_CL:PORT:QOS_CFG
Configuration of the overall classification flow
for QoS, DP, and DSCP.
Per port
ANA_CL:PORT:PCP_DEI_MAP_CFG
Port-based mapping of (DEI, PCP) to (DP,
QoS).
Per port per DEI per
PCP (16 per port)
ANA_CL::DSCP_CFG
DSCP configuration per DSCP value.
Per DSCP (64)
ANA_CL::QOS_MAP_CFG.DSCP_REWR_VAL
DSCP rewrite values per QoS class.
Per QoS class (8)
ANA_CL::CPU_8021_QOS_CFG
Configuration of QoS class for Layer 2
control protocol frames redirected to the
CPU.
Per Layer 2 protocol
address (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com