Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
111
The VLAN classification determines the following set of VLAN parameters for all frames:
•
Priority Code Point (PCP). The PCP is carried internally in the IFH field IFH.VSTAX.TAG.CL_PCP.
•
Drop Eligible Indicator (DEI). The DEI is carried internally in the IFH field IFH.VSTAX.TAG.CL_DEI.
•
VLAN Identifier (VID). The VID is carried internally in the IFH field IFH.VSTAX.TAG.CL_VID.
•
Tag Protocol Identifier (TPID) type, which holds information about the TPID of the tag used for
classification. The TPID type is carried internally in IFH field IFH.VSTAX.TAG.TAG_TYPE. Extended
information about the tag type is carried in IFH.DST.TAG_TPID.
The device recognizes five types of tags based on the TPID, which is the EtherType in front of the tag:
•
Customer tags (C-tags), which use TPID 0x8100.
•
Service tags (S-tags), which use TPID 0x88A8 (IEEE 802.1ad).
•
Custom service tags (S-tags), which use one of three custom TPIDs programmed in
ANA_CL::VLAN_STAG_CFG. Three different values are supported.
For customer tags and service tags, both VLAN tags (tags with nonzero VID) and priority tags (tags with
VID = 0) are processed.
It is configurable, which of the five recognized TPIDs are valid for the VLAN classification
(VLAN_TPID_CTRL.BASIC_TPID_AWARE_DIS). Only VLAN tags with valid TPIDs are used by the
VLAN classification. The parsing of VLAN tags stops when a VLAN tag with an invalid TPID is seen.
The VLAN tag information is either retrieved from a tag in the incoming frame or from default port-based
configuration. The port-based VLAN tag information is configured in ANA_CL:PORT:VLAN_CTRL.
For double tagged frames (at least two VLAN tags with valid TPIDs), there is an option to use the inner
tag instead of the outer tag (VLAN_CTRL.VLAN_TAG_SEL). Note that if the frame has more than two
valid VLAN tags, the inner tag refers to the tag immediately after the outer tag.
The following illustration shows the flow chart for basic VLAN classification.
ANA_CL::VLAN_STAG_CFG
Configures custom S-tag TPID value.
3
ANA_CL:PORT:PCP_DEI_TRANS_CFG
Port-based translation of (DEI, PCP) to basic classified
(DEI, PCP).
Per port per
DEI per PCP
(16 per port)
ANA_CL:PORT:VLAN_TPID_CTRL.
BASIC_TPID_AWARE_DIS
Configures valid TPIDs for VLAN classification. This
configuration is shared with routing tag control.
Per port
Table 70 •
VLAN Configuration Registers (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com