Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 129 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 129 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
112
Figure 26 •
Basic VLAN Classification Flow Chart
In addition to the classification shown, the port decides the number of VLAN tags to pop at egress
(VLAN_CTRL.VLAN_POP_CNT). If the configured number of tags to pop is greater than the actual
number of valid tags in the frame, the number is reduced to the number of actual valid tags in the frame.
A maximum of three VLAN tags can be popped. The VLAN pop count is carried in IFH field
IFH.TAGGING.POP_CNT.
Finally, the VLAN classification sets IFH field IFH.VSTAX.TAG.WAS_TAGGED if the port is VLAN aware
and the frame has one or more valid VLAN tags. WAS_TAGGED is used the rewriter to make decision on
whether tag information from existing tags can be used for rewriting.
”Frame has valid outer tag” and
VLAN_AWARE_ENA[port]
”Frame has valid inner tag” and
VLAN_TAG_SEL[port]
TAG_TPID = VLAN_CTRL.PORT_TAG_TYPE
PCP = VLAN_CTRL.PORT_PCP
DEI = VLAN_CTRL.PORT_DEI
VID = VLAN_CTRL.PORT_VID
Y
TAG_TPID = TPID(Frame.InnerTPID)
PCP = Frame.InnerPCP
DEI = Frame.InnerDEI
VID = Frame.InnerVID
Y
VID == 0
VID = VLAN_CTRL.PORT_VID
Y
Basic Classified Tag information
TAG_TPID = TPID(Frame.OuterTPID)
PCP = Frame.OuterPCP
DEI = Frame.OuterDEI
VID = Frame.OuterVID
VLAN_PCP_DEI_TRANS_ENA
PCP = PCP_TRANS_VAL[port][8 x DEI + PCP]
DEI = DEI_TRANS_VAL[port][8 x DEI + PCP]
Y
A tag is valid for VLAN classification when:
- the TPID is one of 5 known TPIDs, and
- BASIC_TPID_AWARE_DIS[tag number, TPID] is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com