Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 133 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 133 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
116
Prior to each VCAP CLM lookup, the type of key to be used in the lookup is selected. A number of
parameters control the key type selection:
•
Configuration parameters (ADV_CL_CFG).
For each (port, VCAP CLM lookup) a key type can be specified for different frame types. Although
any key type can be specified for a given frame type, not all key types are in reality applicable to a
given frame type. The applicable key types are listed in the ANA_CL:PORT:ADV_CL_CFG register
description. The following frame types are supported:
•
IPv6 frames (EtherType 0x86DD and IP version 6)
•
IPv4 frames (EtherType 0x0800 and IP version 4)
•
MPLS unicast frames (EtherType 0x8847)
•
MPLS multicast frames (EtherType 0x8848)
•
MPLS label stack processing (frame type after MPLS link layer is processed)
•
Other frames (non-MPLS, non-IP)
•
The type of the current protocol layer. For each VCAP CLM lookup, a frame pointer can optionally be
moved to the next protocol layer, and the type of the next protocol layer can be specified. This
influences key type selection for the next VCAP CLM lookup. The variables frame_ptr and
frame_type holds information about the current protocol layer.
Key type specified in action in previous VCAP CLM lookup.
The action of a VCAP CLM lookup can optionally specify a specific key type to be used in the following
VCAP CLM lookup.
The full algorithm used for selecting VCAP CLM key type is shown in the following pseudo code.
// ======================================================================
// ANA_CL: VCAP CLM Key Type Selection
//
// Determine which key type to use in VCAP CLM lookup.
// The algorithm is run prior to each VCAP CLM lookup.
// ----------------------------------------------------------------------
// Frame position (byte pointer) for use as base for next VCAP CLM key
// Updated by UpdateFramePtrAndType() upon VCAP CLM lookup
int frame_ptr = 0;
// Frame type at frame_ptr position.
// Updated by UpdateFramePtrAndType() upon VCAP CLM lookup
//
// Supported values:
//
ETH:
frame_ptr points to DMAC
//
CW:
frame_ptr points to start of IP header or CW/ACH of MPLS frame
//
MPLS: frame_ptr points to an MPLS label.
frame_type_t frame_type = ETH;
int ClmKeyType(
// VCAP CLM index. 0=First VCAP CLM lookup, 5=Last lookup
clm_idx,
// Action from previous VCAP CLM lookup (if clm_idx > 0)
//
// clm_action.vld is only set if VCAP CLM lookup
// was enabled.
clm_action,
)
{
int
key_type = 0;
port_cfg_t port_clm_cfg;
port_clm_cfg = csr.port[port_num].adv_cl_cfg[clm_idx];
if (clm_action.vld && clm_action.nxt_key_type != 0) {
// Previous VCAP CLM lookup specifies next key type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com