Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 136 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 136 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
119
case SKIP_IP_ETH:
switch (frame_type_current) {
case ETH:
// Move frame_ptr past DMAC, SMAC, 0-3 VLAN tags and EtherType
if (EtherType(frame_ptr) == ETYPE_IP4) || // 0x0800
(EtherType(frame_ptr) == ETYPE_IP6) {
// 0x86DD
SkipLinkLayer(&frame_ptr);
// Move frame_ptr past IPv4 header (including options) or
// IPv6 header
SkipIPHeader(&frame_ptr);
}
break;
case CW:
switch (IPVersion(frame_ptr)) {
case 4:
case 6:
// Move frame_ptr past IPv4 header (including options) or
// IPv6 header
SkipIPHeader(&frame_ptr);
break;
}
break;
}
}
frame_type = clm_action.nxt_type_after_offset;
} // clm_action.nxt_offset_from_type > 0
if (clm_action.nxt_norm_w16_offset > 0) {
// Move frame_ptr a specific number of bytes
frame_ptr
= frame_ptr + 2*clm_action.nxt_norm_w16_offset;
frame_type = clm_action.nxt_type_after_offset;
}
if (frame_type_current == DATA &&
clm_action.nxt_key_type != 0) {
// Allow frame_type change, regardsless of whether frame_ptr
// has been moved
frame_type = clm_action.nxt_type_after_offset;
}
// PW termination of MPLS frame
if (clm_action.fwd_type == TERMINATE_PW) {
if IsOam(frame_ptr, csr) && (clm_key_fields_mpls.rsv_lbl_pos) {
// Reserved label used to identify OAM
// Move frame_ptr if reserved MPLS label was skipped by
// ClmKeyFieldsMpls() in key generation prior to VCAP CLM lookup
frame_ptr += 4;
} elsif (frame_type == CW && !IsOam(frame_ptr, csr)) {
// PW termination of MPLS frame with CW => Skip CW and
// change frame_type
frame_ptr += 4;
frame_type = ETH;
}
}
// OAM LSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com