Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 139 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 139 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
122
•
TCP/UDP source and destination ports range. Range is matched if either source or destination port
is within range.
Input to the range are the frame’s TCP/UDP source and destination port numbers.
Range is only applicable to TCP/UDP frames.
•
VID range
Input to the range is the classified VID.
Range is applicable to all frames.
•
DSCP range
Input to the range is the classified DSCP value.
Range is applicable to IPv4 and IPv6 frames.
•
EtherType range
Input to the range is the frame’s EtherType.
Range is applicable to all frames.
Range start points and range end points are configured in ANA_CL::ADV_RNG_VALUE_CFG with both
the start point and the end point being included in the range. A range matches if the input value to the
range (for instance the frame’s TCP/UDP destination port) is within the range defined by the start point
and the end point.
3.16.2.6 Cascading VCAP CLM Lookups
Each of the six VCAP CLM lookups can be “cascaded” such that a frame only matches a VCAP CLM
entry in lookup n+1 if it also matched a specific entry in VCAP CLM lookup n. In other words, VCAP CLM
entries in different VCAP CLM lookups are bound together.
The following parameters controls cascading of VCAP CLM entries:
•
Key field: G_IDX
The generic index, G_IDX, is available in most VCAP CLM key types. The value of this field can be
specified in the action of the preceding VCAP CLM lookup.
•
Action fields: NXT_IDX_CTRL and NXT_IDX
Control how to calculate G_IDX for next VCAP CLM lookup.
For information about detailed encoding of NXT_IDX_CTRL, see Table 65, page 92.
In addition to cascading VCAP CLM lookups, it is also possible for each VCAP CLM lookup to move to
the next protocol layer of the frame, such that key values for lookup n + 1 are retrieved from a different
offset in the frame than for lookup n.
3.16.3
QoS Mapping Table
The following table lists the registers associated with the QoS mapping table.
The classifier contains a shared QoS mapping table with 2,048 entries
(ANA_CL:MAP_TBL:MAP_ENTRY) that maps incoming QoS information to classified internal QoS
information. Inputs to a mapping can be either DEI and PCP from VLAN tags, DSCP value, or MPLS TC
bits. Outputs from a mapping are new classified values for COSID, DEI, PCP, DSCP, QoS class, DP
level, and TC bits. The table is looked up twice for each frame with two different keys.
The QoS mapping table is laid out with 256 rows with each eight mapping entries. Each specific QoS
mapping only uses a subset of the 2,048 entries and it therefore allows for many QoS different mappings
at the same time. It can for instance hold 32 unique mappings from DSCP to DEI/PCP or 128 unique
translations of DEI/PCP to DEI/PCP.
The two lookups per frame in the QoS mapping table are defined by the VCAP CLM actions MAP_IDX
and MAP_KEY. One VCAP CLM match can only define one set MAP_IDX and MAP_KEY so two lookups
in the QoS mapping table requires two VCAP CLM matches. Action MAP_IDX defines which one of the
Table 77 •
VCAP CLM QoS Mapping Table Registers Overview
Register
Description
Replication
ANA_CL:MAP_TBL:SET_CTRL
Controls which mapping results to use.
256
ANA_CL:MAP_TBL:MAP_ENTRY
Configuration of the QoS mapping values.
2,048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com