Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 141 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 141 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
124
Figure 27 •
Example of QoS Mappings
3.16.4
Analyzer Classifier Diagnostics
The analyzer classifier contains a large set of sticky bits that can inform about the frame processing and
decisions made by ANA_CL. The following categories of sticky bits are available.
•
Frame acceptance filtering (ANA_CL::FILTER_STICKY, ANA_CL::VLAN_FILTER_STICKY).
•
VLAN and QoS classification (ANA_CL::CLASS_STICKY)
•
CPU forwarding (ANA_CL::CAT_STICKY)
•
VCAP CLM lookups and actions, QoS mapping tables (ANA_CL::ADV_CL_STICKY)
•
IP header checks (ANA_CL::IP_HDR_CHK_STICKY)
The sticky bits are common for all ports in the analyzer classifier. All sticky bits, except for VCAP CLM
sticky bits, have four corresponding sticky mask bits (ANA_CL:STICKY_MASK) that allow any sticky bit
to be counted by one of the four per-port analyzer access control counters. For more information, see
Analyzer Statistics, page 198.
3.17
VLAN and MSTP
The VLAN table and the MSTP table are the two main tables that control VLAN and Spanning Tree frame
processing.
Row: 0
Row: 255
Entry: 0
Entry: 7
ANA_CL:MAP_TBL
MAP_IDX
DEI=0
PCP=0
DEI=1
PCP=7
DEI=1
PCP=3
DSCP=0
DSCP=26
DSCP=63
Frame
DMAC
SMAC
VLAN
tag0
VLAN
tag1
VLAN
tag2
Ty
pe
IPv4 header
FCS
8
9
128
135
Mapping 0:
VCAP CLM action MAP_KEY = 0
VCAP CLM action MAP_IDX = 8
Frame.DEI = 1
Frame.PCP = 3)
QOS_VAL = 3
DP_VAL = 1
PCP_VAL = 5
DEI_VAL = 1
DSCP_VAL = 45
Mapping 1:
VCAP CLM action MAP_KEY = 6
VCAP CLM action MAP_IDX = 128
Frame.DSCP = 26
MAP_IDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com