Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 140 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 140 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
123
256 rows the QoS mapping starts at and the MAP_KEY defines which parameter from the frame to use
as key into the QoS mapping table. The following lists the available keys and how the resulting row and
entry number in the mapping table is derived:
•
PCP. Use PCP from the frame’s outer VLAN tag. If the frame is untagged, the port’s VLAN tag is
used. Row and entry number is derived the following way:
Row = MAP_IDX, Entry = PCP.
Number of entries per mapping: 8 entries.
•
DEI and PCP. Use DEI and PCP from one of the frame’s VLAN tags. The MAP_KEY can select
between using either outer, middle, or inner tag. If the frame is untagged, the port’s VLAN tag is
used. Row and entry number is derived the following way:
Row = (8x DEI + PCP) DIV 8 + MAP_IDX, Entry = (8x DEI + PCP) MOD 8.
Number of entries per mapping: 16 entries.
•
DSCP (IP frames only). Use the frame’s DSCP value. For non-IP frames, no mapping is done. Row
and entry number is derived the following way:
Row = DSCP DIV 8 + MAP_IDX, Entry = DSCP MOD 8.
Number of entries per mapping: 64 entries.
•
DSCP (all frames). Use the frame’s DSCP value. For non-IP VLAN tagged frames, use DEI and
PCP from the frame’s outer VLAN tag. For non-IP untagged frames, use DEI and PCP from port
VLAN. Row and entry number is derived the following way:
IP frames:
Row = DSCP DIV 8 + MAP_IDX, Entry = DSCP MOD 8.
Non-IP frames:
Row = (8x DEI + PCP) DIV 8 + MAP_IDX + 8, Entry = (8x DEI + PCP) MOD 8.
Number of entries per mapping: 80 entries.
•
TC. Use the frame’s classified TC bits from the extracted MPLS label (label selected by VCAP CLM
actions TC_ENA or TC_LABEL). Row and entry number is derived the following way:
Row = MAP_IDX, Entry = TC.
Number of entries per mapping: 8 entries.
QoS mappings can be shared between multiple VCAP CLM entries by defining the same mapping and
using the same entries in the mapping table. It is up to the user of the QoS mapping table to make sure
that entries are allocated so that they do not overlap unintentionally.
Each entry in the QoS mapping table (ANA_CL:MAP_TBL:MAP_ENTRY) contains a full set of new QoS
values (COSID, DEI, PCP, QoS class, DP level, DSCP, TC) to be used as new classified values instead
of the current classified values from basic classification and VCAP CLM. Each of the QoS values is gated
by an enable bit (ANA_CL:MAP_TBL:SET_CTRL) so that a mapping can for example define a complete
new set of QoS values by enabling all values or it can override selected values only. Note that
ANA_CL:MAP_TBL:SET_CTRL must be configured for each used row in the mapping table.
The following illustration shows an example of a frame for which a DSCP and a DEI/PCP mapping are
defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com