Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 143 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 143 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation VSC7440 Datasheet HTML 146Page - Microsemi Corporation VSC7440 Datasheet HTML 147Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
126
3.17.1
Private VLAN
In a Private VLAN (PVLAN), ports are configured to be one of three different types: Promiscuous,
isolated, or community.
Promiscuous Ports A promiscuous port can communicate with all ports in the PVLAN, including the
isolated and community ports.
Isolated Ports An isolated port has complete Layer 2 separation from the other ports within the same
PVLAN, but not from the promiscuous ports. PVLANs block all traffic to isolated ports except traffic from
promiscuous ports. Traffic from isolated port is forwarded only to promiscuous ports.
Community Ports Community ports communicate among themselves and with the PVLAN’s
promiscuous ports. Community ports cannot communicate with isolated ports.
PVLAN can be enabled per VLAN, and port type can be configured per physical port.
3.17.2
VLAN Pseudo Code
The pseudo code for the ingress VLAN processing is shown below. For routed frames, an egress VLAN
processing also takes place. This is not part of the following pseudo code.
In the pseudo code, “csr.” is used to denote configuration parameters, “req.” is used to denote input from
previous processing steps in the analyzer, as well as information provided for the following steps in the
analyzer.
if (req.cpu_inject != 0) {
// cpu_inject => Bypass!
return;
}
if (csr.vlan_ena) {
// Get VLAN entry based on Classified VID
igr_vlan_entry = csr.vlan_tbl[req.ivid + req.vsi_ena*4096];
} else {
// Default VLAN entry
igr_vlan_entry.vlan_mstp_ptr
= 0;
igr_vlan_entry.vlan_fid
= 0;
igr_vlan_entry.vlan_sec_fwd_ena = 0;
igr_vlan_entry.vlan_flood_dis
= 0;
igr_vlan_entry.vlan_lrn_dis
= 0;
igr_vlan_entry.vlan_rleg_ena
= 0;
igr_vlan_entry.vlan_private_ena = 0;
igr_vlan_entry.vlan_mirror_ena
= 0;
igr_vlan_entry.vlan_port_mask
= -1; // All-ones
igr_vlan_entry.vmid
= 0;
}
// Retrieve MSTP state
if (csr.vlan_ena) {
igr_mstp_entry = csr.mstp_tbl[igr_vlan_entry.vlan_mstp_ptr];
} else {
igr_mstp_entry.mstp_fwd_mask = -1; // All-ones
igr_mstp_entry.mstp_lrn_mask = -1; // All-ones
}
if (IsCpuPort(req.port_num) ||
IsVD0(req.port_num) ||
IsVD1(req.port_num)) {
// Received from CPU or VD0/VD1 =>
// * Do not learn
// * Do not perform ingress filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com