Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 146 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 146 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation VSC7440 Datasheet HTML 146Page - Microsemi Corporation VSC7440 Datasheet HTML 147Page - Microsemi Corporation VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
129
3.17.2.1 VLAN Table Update Engine
The VLAN Table Update Engine (TUPE) can be used to quickly update a large number of port masks in
the VLAN Table. For example, to support fast fail-over in scenarios with redundant forwarding paths. The
following table lists the TUPE related parameters that are outside the VLAN Table.
The TUPE_CTRL field in the VLAN table can be used to classify VLANs into different groups, and the
VLAN_PORT_MASK for such groups of VLANs are quickly updated using TUPE. Using the parameters
listed, the TUPE_CTRL field in the VLAN table can be processed as a field of individual bits, a field with
one value, or a combination of the two.
For example, if a command for TUPE uses the following, the TUPE_CTRL field is treated as an 8-bit
value field and eight individual bits.
•
TUPE_CTRL_BIT_ENA = 1
•
TUPE_CTRL_BIT_MASK = 0x00ff
•
TUPE_CTRL_VAL_MASK = 0xff00
In order for TUPE to update a VLAN entry’s VLAN_PORT_MASK, the value part of TUPE_CTRL must
match the required value, and one or more bits of the bit part of TUPE_CTRL must be set.
If all bits in TUPE_CTRL are used as a value field, then a total of 216 groups can be created, but each
VLAN can only be member of one such group.
On the other end of the spectrum, if all bits in TUPE_CTRL are treated as individual bits, then only 16
groups can be created, but every VLAN can be member of any number of these groups.
In configurations that have fewer physical ports than the number of bits in the VLAN_PORT_MASK, such
bits can be used as an extension to the bit part of the TUPE_CTRL field.
Apart from the VLAN’s TUPE_CTRL, the value of the VLAN’s VLAN_PORT_MASK is also used to
decide whether to update a given VLAN table entry.
Table 81 •
VLAN Table Update Engine (TUPE) Parameters
Register/Field in ANA_L3:TUPE
Bits
Description
TUPE_MISC.TUPE_START
1
Start TUPE.
TUPE_MISC.TUPE_CTRL_VAL_ENA 1
Enable use of TUPE_CTRL_VAL and TUPE_CTRL_VAL_MASK.
TUPE_CTRL_BIT_ENA
1
Enable use of TUPE_CTRL_BIT_MASK.
TUPE_PORT_MASK_A_ENA
1
Enable use of TUPE_PORT_MASK_A.
TUPE_PORT_MASK_B_ENA
1
Enable use of TUPE_PORT_MASK_B
TUPE_COMB_MASK_ENA
1
Enable combined use of TUPE_CTRL_BIT_MASK and
TUPE_PORT_MASK_A.
TUPE_ADDR.TUPE_START_ADDR
13
First address in VLAN table for TUPE to process.
TUPE_ADDR.TUPE_END_ADDR
13
Last address in VLAN table for TUPE to process.
TUPE_CMD_PORT_MASK_CLR
TUPE_CMD_PORT_MASK_CLR1
11
TUPE command: Port mask bits to clear.
TUPE_CMD_PORT_MASK_SET
TUPE_CMD_PORT_MASK_SET1
11
TUPE command: Port mask bits to set.
TUPE_CTRL_VAL
16
TUPE parameter controlling which VLAN table entries to update.
TUPE_CTRL_VAL_MASK
16
TUPE parameter controlling which VLAN table entries to update.
TUPE_CTRL_BIT_MASK
16
TUPE parameter controlling which VLAN table entries to update.
TUPE_PORT_MASK_A
TUPE_PORT_MASK_A1
11
TUPE parameter controlling which VLAN table entries to update.
TUPE_PORT_MASK_B
TUPE_PORT_MASK_B1
11
TUPE parameter controlling which VLAN table entries to update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com