Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation VSC7440 Datasheet HTML 146Page - Microsemi Corporation VSC7440 Datasheet HTML 147Page - Microsemi Corporation VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
131
!csr.tupe_port_mask_b_ena
||
((vlan_entry.vlan_port_mask & csr.tupe_port_mask_b) != 0))
) {
// vlan_port_mask must be updated for this addr
for (p = 0; p < port_count; p++) {
if (csr.tupe_cmd_port_mask_clr[p] == 1 &&
csr.tupe_cmd_port_mask_set[p] == 1) {
// clr+set => toggle
vlan_entry.vlan_port_mask[p] = !vlan_entry.vlan_port_mask[p];
} else if (csr.tupe_cmd_port_mask_clr[p] == 1) {
vlan_entry.vlan_port_mask[p] = 0;
} else if (csr.tupe_cmd_port_mask_set[p] == 1) {
vlan_entry.vlan_port_mask[p] = 1;
}
}
// Write back to VLAN table
vlan_tbl[addr] = vlan_entry;
}
}
3.18
VCAP LPM: Keys and Action
The IP addresses used for IP source/destination guard and for IP routing are stored in a VCAP in the
VCAP_SUPER block. The part of the VCAP_SUPER block allocated for this purpose is VCAP LPM
(Longest Path Match).
VCAP LPM encodes both the IP addresses (VCAP keys) and the action information associated with each
VCAP key.
The following table shows the different key types supported by the VCAP LPM.
The following table provides an overview of the VCAP LPM key. When programming an entry in VCAP
LPM, the associated key fields listed must be programmed in the listed order with the first field in the
table starting at bit 0 of the entry. For more information, see, Versatile Content-Aware Processor (VCAP),
page 55.
Table 82 •
VCAP LPM Key and Sizes
Key Name
Key Size
Number of VCAP Words
SGL_IP4
33
1
DBL_IP4
64
2
SGL_IP6
129
4
DBL_IP6
256
8
Table 83 •
VCAP LPM Key Overview
Field Name
Short Description
Size
SGL_IP4
DBL_IP4
SGL_IP6
DBL_IP6
DST_FLAG
0=SIP, 1=DIP
1
x
x
IP4_XIP
IPv4 SIP/DIP
32
x
IP4_SIP
IPv4 SIP
32
x
IP4_DIP
IPv4 DIP
32
x
IP6_XIP
IPv6 SIP/DIP
128
x
IP6_SIP
IPv6 SIP
128
x
IP6_DIP
IPv6 DIP
128
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com