Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 151 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 151 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 147Page - Microsemi Corporation VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
134
3.19
IP Processing
This section provides information about IP routing and IP security checks. The configuration parameters
for IP routing are located within the ANA_L3 configuration target.
Each frame is subject to two lookups in VCAP LPM. One lookup is used for looking up SIP, and the other
lookup is used for looking up DIP or DIP+SIP (for IP multicast frames).
3.19.1
IP Source/Destination Guard
For security purposes, the device can be configured to identify specific combinations of the following
information and apply security rules based on that information.
•
(SMAC, SIP) or (VMID, SIP)
•
(DMAC, DIP) or (VMID, DIP)
The VCAP LPM and ARP table in ANA_L3 are used to perform matching. The result of the matching is
available for security rules in ANA_ACL through the following VCAP fields:
•
L3_SMAC_SIP_MATCH. Set to 1 if (VMID, SIP) and/or (SMAC, SIP) match was found.
•
L3_DMAC_DIP_MATCH. Set to 1 if (VMID, DIP) and/or (DMAC, DIP) match was found.
IP source/destination guard check can be enabled per port using COMMON:SIP_SECURE_ENA and
COMMON:DIP_SECURE_ENA.
When enabled, the frame’s DIP and the frame’s SIP are each looked up in VCAP LPM. The associated
VCAP action provides an index to an ARP Table entry in which the required SMAC/DMAC and/or VMID
is configured.
The following pseudo code specifies the behavior of the IP Source Guard checks.
// Determine value of req.l3_sip_match (available in ANA_ACL as
L3_SMAC_SIP_MATCH)
if (!req.ip4_avail && !req.ip6_avail) {
req.l3_sip_match = 1;
return;
}
if (csr.sip_cmp_ena(req.port_num)) {
req.l3_sip_match = 0;
} else {
req.l3_sip_match = 1;
}
if (!LpmHit()) {
return;
}
if (req.ip4_avail) {
csr.secur_ip4_lpm_found_sticky = 1;
}
if (req.ip6_avail) {
csr.secur_ip6_lpm_found_sticky = 1;
}
sip_arp_entry = csr.arp_tbl[sip_lpm_entry.arp_ptr];
if ((sip_arp_entry.secur_match_vmid_ena == 0 ||
igr_vlan_entry.vmid == sip_arp_entry.arp_vmid)
&&
(sip_arp_entry.secur_match_mac_ena == 0 ||
req.smac == sip_arp_entry.mac)) {



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com