Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 153 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 153 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
136
if (req.l3_sip_match == 0) {
csr.secur_sip_fail_sticky = 1;
}
3.19.2
IP Routing
The device supports routing of IPv4 and IPv6 unicast and multicast packets through the 32 router
interfaces, also known as “router legs”. Each router leg is attached to a VLAN.
The following illustration shows a configuration with three VLANs, each with an attached router leg for
routing IP packets between the VLANs. Port 11 is member of both VLAN 1 and VLAN 2.
When a packet is being routed from one VLAN (the ingress VLAN) to another VLAN (the egress VLAN),
the VID of the ingress VLAN is termed IVID, and the VID of the egress VLAN is termed the EVID.
Figure 29 •
Router Model
Within the device, a router leg is identified by a 5-bit VMID value. When a packet is being routed, it is
then received by the router entity using a router leg identified by an ingress VMID (or IVMID) and
transmitted on an egress router leg identified by an egress VMID (or EVMID).
IP routing, also known as L3 forwarding, is only supported in VLAN-aware mode.
3.19.2.1 Frame Types for IP Routing
In order for IP packets to be routed by the device, the following conditions must be met.
•
IPv4 packets must not contain options.
•
IPv6 packets must not contain hop-by-hop options.
•
Optionally packets with some illegal SIP and DIP addresses can be filtered. For more information,
see Illegal IPv4 Addresses, page 140 and Illegal IPv6 Addresses, page 140.
•
IPv4 header checksum must be correct.
3.19.2.2 Routing Table Overview
The following illustration provides an overview of the table lookups involved in IP unicast routing within
the L3 part of the analyzer.
The VCAP and ARP table lookups are performed in parallel with the VLAN/MSTP/VMID table lookups. If
the frame does not match a router leg, the result of VCAP and ARP table lookups are not used for
routing.
VLAN 2
VLAN 3
8
9
10 11
12 13 14 15 16 17 18 19
VLAN 1
Router Leg
Router Leg
Router Leg
Router



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com