Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 157 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 157 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation VSC7440 Datasheet HTML 155Page - Microsemi Corporation VSC7440 Datasheet HTML 156Page - Microsemi Corporation VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
140
The packet is a candidate for unicast routing if a frame’s DMAC matches one of the router leg MAC
addresses. Packets sent to the router itself will also match the router leg MAC address, but these will be
caught through entries in the ARP table.
Despite matching a router leg MAC address, routing is not performed for any of the following reasons. If
any of following criteria are met, the frame may be redirected to the CPU, depending on configuration
parameters.
•
It is not an IP packet (for example, an ARP reply).
•
There are IP header errors.
•
DIP or SIP address is illegal (optional).
•
Packet contains IPv4 options/IPv6 hop-by-hop options.
•
IPv4 TTL or IPv6 HL is less than two.
3.19.2.3.2 Multicast Router Leg Detection
For each router leg, IP multicast routing can be enabled using VMID:RLEG_CTRL.RLEG_IP4_MC_ENA
and VMID:RLEG_CTRL.RLEG_IP6_MC_ENA.
In addition to having multicast routing enabled for the router leg configured for the VLAN, the frame’s
DMAC must be within a specific range in order for the packet to be candidate for IPv4/6 routing.
•
IPv4 DMAC range: 01-00-5E-00-00-00 to 01-00-5E-7F-FF-FF
•
IPv6 DMAC range: 33-33-00-00-00-00 to 33-33-FF-7F-FF-FF
Despite having a DMAC address within the required range, routing is not performed for any of the
following reasons:
•
There are IP header errors.
•
DIP or SIP address is illegal (optional).
•
Packet contains IPv4 options/IPv6 hop-by-hop options
•
IPv4 TTL or IPv6 HL is less than two.
If any of above criteria are met, then the frame may be redirected to CPU, depending on configuration
parameters.
The frame is still L2 forwarded if no router leg match is found.
3.19.2.3.3 Illegal IPv4 Addresses
Use the ROUTING_CFG.IP4_SIP_ADDR_VIOLATION_REDIR_ENA parameters to configure each of
the following SIP address ranges to be considered illegal.
•
0.0.0.0 to 0.255.255.255 (IP network zero)
•
127.0.0.0 to 127.255.255.255 (IP loopback network)
•
224.0.0.0 to 255.255.255.255 (IP multicast/experimental/broadcast)
Frames with an illegal SIP can be redirected to the CPU using
CPU_RLEG_IP_HDR_FAIL_REDIR_ENA.
Use the ROUTING_CFG.IP4_DIP_ADDR_VIOLATION_REDIR_ENA parameters to configure each of
the following DIP address ranges to be considered illegal.
•
0.0.0.0 to 0.255.255.255 (IP network zero)
•
127.0.0.0 to 127.255.255.255 (IP loopback network)
•
240.0.0.0 to 255.255.255.254 (IP experimental)
Frames with an illegal DIP can be redirected to the CPU using
CPU_RLEG_IP_HDR_FAIL_REDIR_ENA.
3.19.2.3.4 Illegal IPv6 Addresses
Use the ROUTING_CFG.IP6_SIP_ADDR_VIOLATION_REDIR_ENA parameters to configure each of
the following SIP address ranges to be considered illegal.
•
::/128 (unspecified address)
•
::1/128 (loopback address)
•
ff00::/8 (IPv6 multicast addresses)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com