Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 161 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 161 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 157Page - Microsemi Corporation VSC7440 Datasheet HTML 158Page - Microsemi Corporation VSC7440 Datasheet HTML 159Page - Microsemi Corporation VSC7440 Datasheet HTML 160Page - Microsemi Corporation VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
144
values are looked up and used for lookup in the ARP table. Thus instead of updating ARP_PTR and
ECMP_CNT for many LPM VCAP entries, only the corresponding entry in ARP_PTR_REMAP needs to
be updated.
The following illustration depicts both the case where ARP Pointer remapping is not used as well as the
case where it is used, that is ARP_PTR_REMAP_ENA = 1.
Figure 35 •
ARP Pointer Remapping
3.19.2.5 IP Multicast Routing
The multicast system is split into two stages, stage 1 and stage 2.
In stage 1, the frame is received on a front port and the IP multicast system in ANA_L3 is activated. This
stage is used to ensure L2 forwarding to all relevant ports in the ingress VLAN as well as ingress
mirroring. If the frame needs to be L3 forwarded to other VLANs, an internal port module called virtual
device 0 (VD0) also receives an L2 copy, together with information about the number of VLANs that
receive a routed copy of the frame.
LPM VCAP Action
(action type: ARP_PTR)
ARP_PTR
ARP_PTR_REMAP_ENA=1
ECMP_CNT
RGID
ANA_L3:ARP_PTR_REMAP
ARP_PTR
ECMP_CNT
ANA_L3:ARP
LPM VCAP Action
(action type: ARP_PTR)
ARP_PTR
ARP_PTR_REMAP_ENA=0
ECMP_CNT
RGID
ANA_L3:ARP_PTR_REMAP
ARP_PTR
ECMP_CNT
ANA_L3:ARP
ARP_PTR_REMAP Table not used
ARP_PTR remapped through
ARP_PTR_REMAP Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com