Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 165 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 165 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 161Page - Microsemi Corporation VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
148
3.19.3
Statistics
For each frame, ANA_L3 generates a number of events that can be counted in ANA_AC’s statistics
block. Events are generated separately for ingress and egress router legs, and in ANA_AC, event
counting is further split into IPv4 and IPv6.
3.19.3.1 Ingress Router Leg Statistics
The ingress router leg statistics events generated by ANA_L3 are listed in the following table.
For counting of ingress router leg events, eight counter pairs are provided per router leg. Each pair
consists of a counter for IPv4 and a counter for IPv6, for a total of 16 counters that are available per
router leg.
For each of the eight counter pairs, an event mask can be configured to specify which of the Ingress
router leg events listed will trigger the counter. Each counter pair can be configured to count either bytes
or frames.
COMMON:CPU_QU_CFG.CPU_RLEG_IP_HDR_FAIL_QU IPv4 frames with IP header errors.
COMMON:CPU_QU_CFG.CPU_IP_LEN_QU
CPU queue for IPv4/IPv6 frames failing MTU check.
COMMON:CPU_QU_CFG.CPU_MC_FAIL_QU
Failed IP multicast lookup or failed RPF check.
COMMON:CPU_QU_CFG.CPU_UC_FAIL_QU
Failed IPv4/IPv6 unicast LPM lookup, invalid ARP entry
(ARP_ENA=0) or failed ICMP redirect check.
COMMON:CPU_QU_CFG.CPU_IP_TTL_FAIL_QU
Frames with TTL/HL <2.
COMMON:CPU_QU_CFG.CPU_SIP_RPF_QU
Frames failing SIP RPF check.
ARP:ARP_CFG_0.DMAC0_CPU_QU
MAC address in ARP entry is all-zeros.
L3MC:L3MC_CTRL.CPU_QU
L3MC.L3MC_CTRL.CPU_REDIR_ENA = 1.
Table 91 •
Ingress Router Leg Events
Event Name
Description
ivmid_ip_uc_received
IP unicast frame received by router.
ivmid_ip_mc_received
IP multicast frame received by router.
ivmid_ip_uc_routed
IP unicast frame received and L3 forwarded by router.
ivmid_ip_mc_routed
IP multicast frame received and L3 forwarded by router.
ivmid_ip_mc_rpf_discarded
IP multicast frame received by router, but discarded due to MC RPF
check.
ivmid_ip_ttl_discarded
IP multicast frame received by router, but discarded due to TTL <2.
ivmid_ip_acl_discarded
IP frame received by router, but discarded by ACL rules in ANA_AC.
Table 90 •
CPU Queue Overview (continued)
CPU Queue
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com