Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 166 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 166 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 162Page - Microsemi Corporation VSC7440 Datasheet HTML 163Page - Microsemi Corporation VSC7440 Datasheet HTML 164Page - Microsemi Corporation VSC7440 Datasheet HTML 165Page - Microsemi Corporation VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
149
An example usage of the counters is shown in the following table.
3.19.3.2 Egress Router Leg Statistics
The egress router leg statistics events generated by ANA_L3 are listed in the following table.
For counting of egress router leg events, eight counter pairs are provided per router leg. Each pair
consists of a counter for IPv4 and a counter for IPv6, for a total of 16 counters available per router leg.
For each of the eight counter pairs, an event mask can be configured to specify which of the events listed
in the following table will trigger the counter. Each counter pair can be configured to count either bytes or
frames.
Table 92 •
Ingress Router Leg Statistics Example
Event Name
Reference
Counter Name
Byte
(b/)/Frame
(f)
RFC 4293
ipIfStatsInReceives
f
x
x
RFC 4293
ipIfStatsInOctets
b
x
x
RFC 4293
ipIfStatsInForwDatagrams
f
x
x
RFC 4293
ipIfStatsInMcastPkts
f
x
RFC 4293
ipIfStatsInMcastOctets
b
x
RFC 4293
ipIfStatsInHdrErrors
f
x
MC RPF discards
f
x
ACL discards
f
x
Table 93 •
Egress Router Leg Events
Event Name
Description
evmid_ip_uc_routed
IP unicast frame L3 forwarded by router.
evmid_ip_mc_routed
IP multicast frame L3 forwarded by router.
evmid_ip_mc_switched
IP multicast frame L2 forwarded by switch.
evmid_ip_mc_ttl_discarded
IP multicast frame discarded by router due to TTL value configured
for egress router leg. See VMID:VMID_MC:RLEG_IP4_MC_TTL and
VMID:VMID_MC:RLEG_IP6_MC_TTL.
evmid_ip_acl_discarded
IP frame discarded by ACL rules in ANA_AC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com