Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 170 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 170 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 166Page - Microsemi Corporation VSC7440 Datasheet HTML 167Page - Microsemi Corporation VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
153
L2_BC
Set if frame’s destination MAC address is the
broadcast address (FF-FF-FF-FF-FF-FF).
1
xxxxx
xx
SERVICE_FRM
Set if classified ISDX > 0.
1
xxxxx
xx
L2_FWD
Set if the frame is allowed to be forwarded to front
ports. L2_FWD can for instance be cleared due to
MSTP filtering or frame acceptance.
1
xxxxx
xx
VLAN_TAGGED
Set if frame was received with a VLAN tag.
1
xxxxx
xx
VID
For ISDX = 0 (non-service frames): Classified VID.
If
ANA_ACL::VCAP_S2_CFG.SEC_ROUTE_HAND
LING_ENA is set, VID is IRLEG VID for first lookup
and ERLEG VID for second lookup for routable
frames (L3_RT=1).
For ISDX > 0 (service frames): By default,
classified ISDX. When
ANA_ACL::VCAP_S2_MISC_CTRL.PAG_FORCE
_VID_ENA is set, bit 7 in the PAG controls whether
VID or ISDX is used:
If PAG[7] = 0: Use classified ISDX.
If PAG[7] = 1: Use classified VID.
12
xxxxxxxxx
DEI
Classified DEI.
1
xxxxx
xx
PCP
Classified PCP.
3
xxxxx
xx
L3_SMAC_SIP_MATCH
Match found in SIP security lookup in ANA_L3.
See IP Source/Destination Guard, page 134.
1
x x
xxxxxx
L3_DMAC_DIP_MATCH
Match found in DIP security lookup in ANA_L3.
See IP Source/Destination Guard, page 134.
1
x x
xxxxxx
L3_RT
Set if frame has hit a router leg.
1
x x
xxxxxx
L2_DMAC
Destination MAC address.
48
x
x
L2_SMAC
Source MAC address.
48
x x
x
ETYPE_LEN
Frame type flag indicating that the frame is
EtherType encoded.
Set if frame has EtherType >= 0x600.
1x
Table 96 •
VCAP IS2 Key Overview (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com