Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 172 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 172 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 168Page - Microsemi Corporation VSC7440 Datasheet HTML 169Page - Microsemi Corporation VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
155
ARP_OPCODE_UNKNOW
N
Set if ARP opcode is none of the below mentioned. 1
x
ARP_OPCODE
ARP opcode.
Only valid if ARP_OPCODE_UNKNOWN is
cleared.
0: ARP request.
1: ARP reply.
2: RARP request.
3: RARP reply.
2x
L3_OPTIONS
Set if IPv4 frame contains options (IP len > 5). IP
options are not parsed.
1x x
L3_TTL_GT0
Set if IPv4 TTL / IPv6 hop limit is greater than 0.
1
x xx
L3_TOS
Frame’s IPv4/6 DSCP and ECN fields.
8
x x
x
L3_IP4_DIP
IPv4 frames: Destination IPv4 address.
IPv6 frames: Source IPv6 address, bits 63:32.
32
x
xxx
L3_IP4_SIP
IPv4 frames: Source IPv4 address.
IPv6 frames: Source IPv6 address, bits 31:0.
32
x
xxx
L3_IP6_DIP
IPv6 frames: Destination IPv6 address.
IPv4 frames: Bits 31:0: Destination IPv4 address.
128
x x
L3_IP6_SIP
IPv6 frames: Destination IPv6 address.
IPv4 frames: Bits 31:0: Destination IPv4 address.
In addition, for IP_7TUPLE and IPv4 frames:
Bit 127: L3_FRAGMENT.
Bit 126: L3_FRAG_OFS_GT0.
Bit 125: L3_OPTIONS.
128
x x
DIP_EQ_SIP
Set if destination IP address is equal to source IP
address.
1
xxx
x
L3_IP_PROTO
IPv4 frames (IP4 = 1): IP protocol.
IPv6 frames (IP4 = 0): Next header.
8x
TCP_UDP
Frame type flag indicating the frame is a TCP or
UDP frame.
Set if frame is IPv4/IPv6 TCP or UDP frame (IP
protocol/next header equals 6 or 17).
1x
TCP
Frame type flag indicating the frame is a TCP
frame.
Set if frame is IPv4 TCP frame (IP protocol = 6) or
IPv6 TCP frames (Next header = 6)
1x
x
L4_DPORT
TCP/UDP destination port.
Overloading for IP_7TUPLE:
Non-TCP/UDP IP frames:
L4_DPORT = L3_IP_PROTO.
16
x
x
L4_SPORT
TCP/UDP source port.
16
x
x
Table 96 •
VCAP IS2 Key Overview (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com