Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 174 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 174 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 170Page - Microsemi Corporation VSC7440 Datasheet HTML 171Page - Microsemi Corporation VSC7440 Datasheet HTML 172Page - Microsemi Corporation VSC7440 Datasheet HTML 173Page - Microsemi Corporation VSC7440 Datasheet HTML 174Page - Microsemi Corporation VSC7440 Datasheet HTML 175Page - Microsemi Corporation VSC7440 Datasheet HTML 176Page - Microsemi Corporation VSC7440 Datasheet HTML 177Page - Microsemi Corporation VSC7440 Datasheet HTML 178Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
157
3.20.2
VCAP IS2 Actions
VCAP IS2 supports only one action, size 196 bits, which applies to all VCAP IS2 keys. The action is
listed in the following table. When programming an action in VCAP IS2, the associated action fields listed
must be programmed in the listed order with the first field in the table starting at bit 0 in the action.
Table 97 •
VCAP IS2 Actions
Action Name
Description
Size
IS_INNER_ACL
Set if VCAP IS2 action belongs to ANA_IN_SW pipeline point.
1
PIPELINE_FORCE
_ENA
If set, use PIPELINE_PT unconditionally and set PIPELINE_ACT = NONE if
PIPELINE_PT == NONE. Overrules previous settings of pipeline point.
1
PIPELINE_PT
Pipeline point used if PIPELINE_FORCE_ENA is set:
0: NONE
1: ANA_VRAP
2: ANA_PORT_VOE
3: ANA_CL
4: ANA_CLM
5: ANA_IPT_PROT
6: ANA_OU_MIP
7: ANA_OU_SW
8: ANA_OU_PROT
9: ANA_OU_VOE
10: ANA_MID_PROT
11: ANA_IN_VOE
12: ANA_IN_PROT
13: ANA_IN_SW
14: ANA_IN_MIP
15: ANA_VLAN
16: ANA_DONE
5
HIT_ME_ONCE
If set, the next frame hitting the rule is copied to CPU using CPU_QU_NUM.
CPU_COPY_ENA overrules HIT_ME_ONCE implying that if CPU_COPY_ENA is also
set, all frames hitting the rule are copied to the CPU.
1
INTR_ENA
If set, an interrupt is triggered when this rule is hit
1
CPU_COPY_ENA
If set, frame is copied to CPU using CPU_QU_NUM.
1
CPU_QU_NUM
CPU queue number used when copying to the CPU
3
CPU_DIS
If set, disable extraction to CPU queues from previous forwarding decisions. Action
CPU_COPY_ENA is applied after CPU_DIS.
1
LRN_DIS
If set, autolearning is disallowed.
1
RT_DIS
If set, routing is disallowed.
1
POLICE_ENA
If set, frame is policed by policer pointed to by POLICE_IDX.
Overloading: If cleared, POLICE_IDX can be used to select a new source IP address
from table ANA_ACL::SWAP_SIP when replacing IP addresses. See ACL_RT_MODE.
1
POLICE_IDX
Selects policer index used when policing frames.
Overloading: If POLICE_ENA=0, selects source IP address when replacing IP addresses.
5
IGNORE_PIPELIN
E_CTRL
Ignore ingress pipeline control. This enforces the use of the VCAP IS2 action even when
the pipeline control has terminated the frame before VCAP IS2.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com